Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NGA-686 Datasheet(PDF) 2 Page - SIRENZA MICRODEVICES

Part No. NGA-686
Description  DC-6000 MHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

NGA-686 Datasheet(HTML) 2 Page - SIRENZA MICRODEVICES

  NGA-686 Datasheet HTML 1Page - SIRENZA MICRODEVICES NGA-686 Datasheet HTML 2Page - SIRENZA MICRODEVICES NGA-686 Datasheet HTML 3Page - SIRENZA MICRODEVICES NGA-686 Datasheet HTML 4Page - SIRENZA MICRODEVICES NGA-686 Datasheet HTML 5Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Preliminary
EDS-101106 Rev OBS
NGA-686 DC-6.0 GHz 5.9V GaAs HBT
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
OBSOLETE
r
e
t
e
m
a
r
a
P
l
a
c
i
p
y
T
C
º
5
2
n
o
it
i
d
n
o
C
t
s
e
T
ti
n
U
I(
D
)
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
,
A
m
0
8
=
z
H
M
0
0
5
n
i
a
G
3
P
I
t
u
p
t
u
O
B
d
1
P
t
u
p
t
u
O
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
n
o
it
a
l
o
s
I
9
.
1
1
5
.
8
3
9
.
9
1
4
.
1
2
7
.
9
1
B
d
m
B
d
m
B
d
B
d
B
d
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
P
,z
H
M
1
=
g
n
ic
a
p
s
e
n
o
T
z
H
M
0
5
8
n
i
a
G
3
P
I
t
u
p
t
u
O
B
d
1
P
t
u
p
t
u
O
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
n
o
it
a
l
o
s
I
9
.
1
1
4
.
8
3
8
.
9
1
7
.
0
2
8
.
9
1
B
d
m
B
d
m
B
d
B
d
B
d
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
P
,z
H
M
1
=
g
n
ic
a
p
s
e
n
o
T
z
H
M
0
5
9
1
n
i
a
G
3
P
I
t
u
p
t
u
O
B
d
1
P
t
u
p
t
u
O
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
n
o
it
a
l
o
s
I
4
.
1
1
9
.
4
3
2
.
9
1
4
.
8
1
7
.
9
1
B
d
m
B
d
m
B
d
B
d
B
d
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
P
,z
H
M
1
=
g
n
ic
a
p
s
e
n
o
T
z
H
M
0
0
4
2
n
i
a
G
3
P
I
t
u
p
t
u
O
B
d
1
P
t
u
p
t
u
O
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
n
o
it
a
l
o
s
I
2
.
1
1
7
.
2
3
9
.
7
1
6
.
7
1
7
.
9
1
B
d
m
B
d
m
B
d
B
d
B
d
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
P
,z
H
M
1
=
g
n
ic
a
p
s
e
n
o
T
Key parameters, at typical operating frequencies:
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
P
ti
m
i
L
e
t
u
l
o
s
b
A
.
x
a
M
t
n
e
r
r
u
C
e
c
i
v
e
D
I(
D)
1
0
2
A
m
.
x
a
M
e
c
i
v
e
D
V
(
e
g
a
tl
o
V
D)V
7
.
x
a
M
r
e
w
o
P
t
u
p
n
I
F
R
m
B
d
3
1
+
.
x
a
M
p
m
e
T
n
o
it
c
n
u
J
T
(
.
J)
C
°
0
5
1
+
p
m
e
T
g
n
it
a
r
e
p
O
T
(
e
g
n
a
R
.
L)
C
°
5
8
+
o
t
C
°
0
4
-
.
x
a
M
p
m
e
T
e
g
a
r
o
t
S
.
C
°
0
5
1
+
y
a
m
s
ti
m
il
e
s
e
h
t
f
o
e
n
o
y
n
a
d
n
o
y
e
b
e
c
i
v
e
d
s
i
h
t
f
o
n
o
it
a
r
e
p
O
,
n
o
it
a
r
e
p
o
s
u
o
n
it
n
o
c
e
l
b
a
il
e
r
r
o
F
.
e
g
a
m
a
d
t
n
e
n
a
m
r
e
p
e
s
u
a
c
m
u
m
i
x
a
m
e
h
t
d
e
e
c
x
e
t
o
n
t
s
u
m
t
n
e
r
r
u
c
d
n
a
e
g
a
tl
o
v
e
c
i
v
e
d
e
h
t
.
e
n
o
e
g
a
p
n
o
e
l
b
a
t
e
h
t
n
i
d
e
if
i
c
e
p
s
s
e
u
l
a
v
g
n
it
a
r
e
p
o
:
n
o
i
s
s
e
r
p
x
e
g
n
i
w
o
ll
o
f
e
h
t
y
f
s
it
a
s
o
s
l
a
d
l
u
o
h
s
s
n
o
it
i
d
n
o
C
s
a
i
B
I
DVD
T
(
<
J
T
-
L
R
/
)
H
T
l-
j
,


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn