Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL9201N Datasheet(PDF) 10 Page - Texas Instruments

Part # TPL9201N
Description  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPL9201N Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPL9201N Datasheet HTML 6Page - Texas Instruments TPL9201N Datasheet HTML 7Page - Texas Instruments TPL9201N Datasheet HTML 8Page - Texas Instruments TPL9201N Datasheet HTML 9Page - Texas Instruments TPL9201N Datasheet HTML 10Page - Texas Instruments TPL9201N Datasheet HTML 11Page - Texas Instruments TPL9201N Datasheet HTML 12Page - Texas Instruments TPL9201N Datasheet HTML 13Page - Texas Instruments TPL9201N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.ti.com
APPLICATION INFORMATION
TPL9201
MCU/DSP
MOSI
SCLK
NCS
ZVS
RST
5V
±5% at 200 mA
OUT
EN1
Reset Delay
Buzzer Driver
Relay Driver
Relay Driver
Relay Driver
Relay Driver
Fan Driver
Fan Driver
Fan Driver
8 Outputs
SYN (AC Zero-Cross
Detect Input)
DC Input 7 V to 18 V
GND ( 2)
×
Filters
AC
Water
Supply
Valve
Water
Outlet
Softener
Supply
Driver
SYN
ZVS
5V
OUT
RST
Power
Switch
M
Zero-Cross
Detection
Cover
Switch
Temperature
Sensor
(Optional)
Optical
Sensor
Water-Level
Sensor
Volume
Sensor
Keypad
Display
(LED/LCD/VFD)
Controller
Regulator
POR/SYS
TPL9201
+
-
~
~
LED LED
V
IN
TPL9201
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
SLIS123B – JUNE 2006 – REVISED NOVEMBER 2006
Figure 2. Typical Application
Figure 3. Washing-Machine Application
10
Submit Documentation Feedback


Similar Part No. - TPL9201N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL9201N TI-TPL9201N Datasheet
163Kb / 14P
[Old version datasheet]   MICROCONTROLLER POWER SUPPLY AND MULTIPLE LOW-SIDE DRIVER
More results

Similar Description - TPL9201N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL9202 TI-TPL9202_1 Datasheet
696Kb / 20P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
   Relay Driver with 5 V Regulator
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
alpha microelectronics ...
AMG-LI080 ALPHA-MICRO-AMG-LI080 Datasheet
428Kb / 24P
   Timer/Dimmer with Gate Driver, Zero Detection & Protection
logo
Solid State Optronic
TD3063 SSOUSA-TD3063 Datasheet
481Kb / 5P
   Zero-Volt Switching Triac Driver
TD3043 SSOUSA-TD3043 Datasheet
336Kb / 4P
   Zero-Volt Switching Triac Driver
logo
List of Unclassifed Man...
TD3082 ETC1-TD3082 Datasheet
181Kb / 4P
   Zero-Volt Switching Triac Driver
logo
ON Semiconductor
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com