Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FR101 Datasheet(PDF) 2 Page - Mospec Semiconductor

Part No. FR101
Description  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOSPEC [Mospec Semiconductor]
Homepage  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

FR101 Datasheet(HTML) 2 Page - Mospec Semiconductor

  FR101 Datasheet HTML 1Page - Mospec Semiconductor FR101 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FR101 Thru FR107
FIG-3 FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE (℃)
FIG-4TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (Volts.)
FIG-5PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
FIG-1 TYPICAL FORWARD CHARACTERISITICS
FORWARD VOLTAGE (Volts)
FIG-2 TYPICAL REVERSE CHARACTERISTICS
PERCENT OF PEAK REVERSE VOLTAGE (﹪)
TJ=25
OC
F=1 MHz
TJ=25
OC
Pulse Width=300 us
1% Duty Cycle
TJ=25
OC
TJ=50
OC
Single Phase
Half Wave 60 Hz
Resistive or
Inductive Load
0.375 “(9.5mm)
Lead Length
8.3ms Single Half Sine-Wave
(JEDEC Method)
Set time base for 50/100 ns/cm
FIG-6 Reverse Recovery Time Characteristic and Test Circuit Diagram


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
20ETF12SPBFFAST SOFT RECOVERY RECTIFIER DIODE Lead-Free PbF suffix 1 2 3 4 5 MoreInternational Rectifier
BY223-600FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 STMicroelectronics
1S1834FAST RECOVERY RECTIFIER 1 2 List of Unclassifed Manufacturers
1N5807USSURFACE MOUNT VOIDLESSHERMETICALLY- SEALED ULTRA FAST RECOVERY GLASS RECTIFIERS 1 2 3 Microsemi Corporation
YG123S15Fast recovery diode 1 2 3 Fuji Electric
FP125F12 500 V - 20 000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time 1 2 List of Unclassifed Manufacturers
MUR30120PTUltra Fast Recovery Diodes 1 2 3 List of Unclassifed Manufacturers
DSEI8-06AFast Recovery Epitaxial Diode FRED 1 2 IXYS Corporation
MS906C3Low loss fast recovery diode 1 2 3 Fuji Electric
RF051VA2SFast recovery diode 1 2 3 4 Rohm

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn