Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS1338 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. DS1338
Description  Soundmasker for Open Structure Architecture
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

DS1338 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DS1338
SPECIFICATIONS
Loudspeaker
Six inch diameter premium loudspeaker with one-inch voice coil diameter, 8-ohm impedance.
Transformer
Primary 70.7 Volts, Secondary 8-Ohms
Taps at 1/8, 1/4, 1/2, 1, 2 and 4 Watts
Dimensions
4 inches (10.2 cm) tall
8 1/2 inches (21.6 cm) diameter
Finish:
white or black
ORDERING INFORMATION
DS1338 – Specify White or Black
Shipping weight: 5 lbs.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn