Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4046B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HEF4046B
Description  Phase-locked loop
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4046B Datasheet(HTML) 2 Page - NXP Semiconductors

  HEF4046B Datasheet HTML 1Page - NXP Semiconductors HEF4046B Datasheet HTML 2Page - NXP Semiconductors HEF4046B Datasheet HTML 3Page - NXP Semiconductors HEF4046B Datasheet HTML 4Page - NXP Semiconductors HEF4046B Datasheet HTML 5Page - NXP Semiconductors HEF4046B Datasheet HTML 6Page - NXP Semiconductors HEF4046B Datasheet HTML 7Page - NXP Semiconductors HEF4046B Datasheet HTML 8Page - NXP Semiconductors HEF4046B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
January 1995
2
Philips Semiconductors
Product specification
Phase-locked loop
HEF4046B
MSI
DESCRIPTION
The HEF4046B is a phase-locked loop circuit that consists
of a linear voltage controlled oscillator (VCO) and two
different phase comparators with a common signal input
amplifier and a common comparator input. A 7 V regulator
(zener) diode is provided for supply voltage regulation if
necessary. For functional description see further on in this
data.
Fig.1 Functional diagram.
HEF4046BP(N):
16-lead DIL; plastic
(SOT38-1)
HEF4046BD(F):
16-lead DIL; ceramic (cerdip)
(SOT74)
HEF4046BT(D):
16-lead SO; plastic
(SOT109-1)
( ): Package Designator North America
FAMILY DATA
See Family Specifications
IDD LIMITS category MSI
See further on in this data.


Similar Part No. - HEF4046B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
418Kb / 15P
   Phase-locked loop
January 1995
logo
Nexperia B.V. All right...
HEF4046B NEXPERIA-HEF4046B Datasheet
273Kb / 17P
   Phase-locked loop
Rev. 7 - 6 January 2022
HEF4046BT NEXPERIA-HEF4046BT Datasheet
273Kb / 17P
   Phase-locked loop
Rev. 7 - 6 January 2022
logo
NXP Semiconductors
HEF4046BT-652 NXP-HEF4046BT-652 Datasheet
418Kb / 15P
   The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC
January 1995
HEF4046BT653 PHILIPS-HEF4046BT653 Datasheet
418Kb / 15P
   Phase-locked loop
January 1995
More results

Similar Description - HEF4046B

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com