Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4046B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # HEF4046B
Description  Phase-locked loop
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4046B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button HEF4046B Datasheet HTML 4Page - NXP Semiconductors HEF4046B Datasheet HTML 5Page - NXP Semiconductors HEF4046B Datasheet HTML 6Page - NXP Semiconductors HEF4046B Datasheet HTML 7Page - NXP Semiconductors HEF4046B Datasheet HTML 8Page - NXP Semiconductors HEF4046B Datasheet HTML 9Page - NXP Semiconductors HEF4046B Datasheet HTML 10Page - NXP Semiconductors HEF4046B Datasheet HTML 11Page - NXP Semiconductors HEF4046B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
January 1995
8
Philips Semiconductors
Product specification
Phase-locked loop
HEF4046B
MSI
Notes
1. Over the recommended component range.
VCO
Operating supply
VDD
3
15
V
as fixed oscillator only
voltage
5
15
V
phase-locked loop operation
Power dissipation
5
150
µW
fo = 10 kHz; R1 = 1 MΩ;
R2 =
∞; VCOIN at 12 VDD;
see also Figs 10 and 11
10 P
2500
µW
15
9000
µW
Maximum operating
5
0,5
1,0
MHz
VCOIN at VDD;
R1 = 10 k
Ω; R2 = ∞;
C1 = 50 pF
frequency
10 fmax
1,0
2,0
MHz
15
1,3
2,7
MHz
Temperature/
5
0,22
0,30
%/
°C
no frequency offset
(fmin = 0);
see also note 1
frequency
10
0,04
0,05
%/
°C
stability
15
0,01
0,05
%/
°C
50
0,22
%/
°C
with frequency offset
(fmin > 0);
see also note 1
10
0
0,04
%/
°C
15
0
0,01
%/
°C
Linearity
5
0,50
%
R1 > 10 k
see Fig.13
10
0,25
%
R1
> 400 kΩ
and Figs 14
15
0,25
%
R1 = 1 M
15 and 16
Duty factor at
5
50
%
VCOOUT
10
δ
50
%
15
50
%
Input resistance at
5
106
M
VCOIN
10 RIN
106
M
15
106
M
Source follower
Offset voltage
5
1,7
V
RSF =10kΩ;
VCOIN at 12 VDD
VCOIN minus
10
2,0
V
SFOUT
15
2,1
V
5
1,5
V
RSF =50kΩ;
VCOIN at 12 VDD
10
1,7
V
15
1,8
V
Linearity
5
0,3
%
RSF >50kΩ;
see Fig.13
10
1,0
%
15
1,3
%
Zener diode
Zener voltage
VZ
7,3
V
IZ =50 µA
Dynamic resistance
RZ
25
IZ =1mA
VDD
V
SYMBOL MIN.
TYP.
MAX.


Similar Part No. - HEF4046B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
418Kb / 15P
   Phase-locked loop
January 1995
logo
Nexperia B.V. All right...
HEF4046B NEXPERIA-HEF4046B Datasheet
273Kb / 17P
   Phase-locked loop
Rev. 7 - 6 January 2022
HEF4046BT NEXPERIA-HEF4046BT Datasheet
273Kb / 17P
   Phase-locked loop
Rev. 7 - 6 January 2022
logo
NXP Semiconductors
HEF4046BT-652 NXP-HEF4046BT-652 Datasheet
418Kb / 15P
   The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC
January 1995
HEF4046BT653 PHILIPS-HEF4046BT653 Datasheet
418Kb / 15P
   Phase-locked loop
January 1995
More results

Similar Description - HEF4046B

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com