Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF4046B Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HEF4046B
Description  Phase-locked loop
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4046B Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button HEF4046B Datasheet HTML 3Page - NXP Semiconductors HEF4046B Datasheet HTML 4Page - NXP Semiconductors HEF4046B Datasheet HTML 5Page - NXP Semiconductors HEF4046B Datasheet HTML 6Page - NXP Semiconductors HEF4046B Datasheet HTML 7Page - NXP Semiconductors HEF4046B Datasheet HTML 8Page - NXP Semiconductors HEF4046B Datasheet HTML 9Page - NXP Semiconductors HEF4046B Datasheet HTML 10Page - NXP Semiconductors HEF4046B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
January 1995
7
Philips Semiconductors
Product specification
Phase-locked loop
HEF4046B
MSI
DC CHARACTERISTICS
VSS =0V
Notes
1. Pin 15 open; pin 5 at VDD; pins 3 and 9 at VSS; pin 14 open.
2. Pin 15 open; pin 5 at VDD; pins 3 and 9 at VSS; pin 14 at VDD; input current pin 14 not included.
AC CHARACTERISTICS
VSS =0V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
Tamb (°C)
−40
+ 25
+ 85
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
Supply current
5
−−
20
−−
µA
(note 1)
10
ID
−−
300
−−
µA
15
−−
750
−−
µA
Quiescent device
5
20
20
150
µA
current (note 2)
10
IDD
40
40
300
µA
15
80
80
600
µA
VDD
V
SYMBOL MIN.
TYP.
MAX.
Phase comparators
Operating supply voltage
VDD
315
V
Input resistance
5
750
k
at self-bias
operating point
at SIGNIN
10 RIN
220
k
15
140
k
A.C. coupled input
5
150
mV
peak-to-peak values;
R1 = 10 k
Ω; R2 = ∞;
C1 = 100 pF; independent
of the lock range
sensitivity
10 VIN
150
mV
at SIGNIN
15
200
mV
D.C. coupled input sensitivity
at SIGNIN; COMPIN
5
1,5
V
full temperature range
LOW level
10 VIL
3,0
V
15
4,0
V
5
3,5
V
HIGH level
10 VIH
7,0
V
15
11,0
V
Input current
5
7
µA
SIGNIN at VDD
at SIGNIN
10
+ IIN
30
µA
15
70
µA
53
µA
SIGNIN at VSS
10
−IIN
18
µA
15
45
µA


Similar Part No. - HEF4046B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
418Kb / 15P
   Phase-locked loop
January 1995
logo
Nexperia B.V. All right...
HEF4046B NEXPERIA-HEF4046B Datasheet
273Kb / 17P
   Phase-locked loop
Rev. 7 - 6 January 2022
HEF4046BT NEXPERIA-HEF4046BT Datasheet
273Kb / 17P
   Phase-locked loop
Rev. 7 - 6 January 2022
logo
NXP Semiconductors
HEF4046BT-652 NXP-HEF4046BT-652 Datasheet
418Kb / 15P
   The IC04 LOCMOS HE4000B Logic Family Specifications HEF, HEC
January 1995
HEF4046BT653 PHILIPS-HEF4046BT653 Datasheet
418Kb / 15P
   Phase-locked loop
January 1995
More results

Similar Description - HEF4046B

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com