Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TL343 Datasheet(PDF) 6 Page - Texas Instruments

Part No. TL343
Description  SINGLE LOW-POWER OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TL343 Datasheet(HTML) 6 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TL343
SINGLE LOW POWER OPERATIONAL AMPLIFIER
SLOS250G − JUNE 1999 − REVISED JANUARY 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
1
1
f − Frequency − Hz
10
102
103
104
105
106
10
100
1 k
10 k
100 k
1 M
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
FREQUENCY
Figure 6
VCC± = ±15 V
RL = 2 kΩ
TA = 25°C
t − Time −
µs
−10
−5
0
5
10
0
1020
3040506070
8090
VOLTAGE-FOLLOWER
LARGE-SIGNAL PULSE RESPONSE
VCC± = ±15 V
RL = 2 kΩ
TA = 25°C
See Figure 1
Figure 7
Output
Input
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn