Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TL343 Datasheet(PDF) 5 Page - Texas Instruments

Part No. TL343
Description  SINGLE LOW-POWER OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TL343 Datasheet(HTML) 5 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TL343
SINGLE LOW POWER OPERATIONAL AMPLIFIER
SLOS250G − JUNE 1999 − REVISED JANUARY 2005
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
0
−75
TA − Free-Air Temperature − °C
50
100
150
200
250
−50
−25
0
25
50
75
100
125
VCC± = ±15 V
INPUT BIAS CURRENT
vs
FREE-AIR TEMPERATURE
Figure 2
|VCC±| − Supply Voltage − V
0
250
200
150
100
50
0
2
4
8
1012
1416
6
TA = 25°C
INPUT BIAS CURRENT
vs
SUPPLY VOLTAGE
Figure 3
|VCC±| − Supply Voltage − V
0
0
5
10
15
20
25
30
2
4
6
8
10
12
14
16
RL = 10 kΩ
TA = 25°C
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 4
1 k
f − Frequency − Hz
30
25
20
15
10
5
0
10 k
100 k
1 M
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
Figure 5
VCC± = ±15 V
CL = 0
RL = 10 kΩ
TA = 25°C
See Figure 1
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn