Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HEF40374BF Datasheet(PDF) 7 Page - NXP Semiconductors

Part # HEF40374BF
Description  Octal D-type flip-flop with 3-state outputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF40374BF Datasheet(HTML) 7 Page - NXP Semiconductors

  HEF40374BF Datasheet HTML 1Page - NXP Semiconductors HEF40374BF Datasheet HTML 2Page - NXP Semiconductors HEF40374BF Datasheet HTML 3Page - NXP Semiconductors HEF40374BF Datasheet HTML 4Page - NXP Semiconductors HEF40374BF Datasheet HTML 5Page - NXP Semiconductors HEF40374BF Datasheet HTML 6Page - NXP Semiconductors HEF40374BF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
January 1995
7
Philips Semiconductors
Product specification
Octal D-type flip-flop with 3-state outputs
HEF40374B
MSI
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; input transition times ≤ 20 ns
Minimum clock
5
50
25
ns
pulse width; LOW
10
tWCPL
25
12
ns
15
20
10
ns
Maximum clock
5
25
5
MHz
pulse frequency
10
fmax
6
12
MHz
15
8
17
MHz
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
3 775 fi +∑ (foCL) × VDD2
where
dissipation per
10
15 700 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
40 575 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (foCL) = sum of outputs
VDD = supply voltage (V)
VDD
V
SYMBOL
MIN.
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Fig.6 Output transition times as a function of the load capacitance. .
 t
TLH
−−−− t
THL


Similar Part No. - HEF40374BF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF40373 PHILIPS-HEF40373 Datasheet
85Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
HEF40373B PHILIPS-HEF40373B Datasheet
85Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
NXP Semiconductors
HEF40373BD PHILIPS-HEF40373BD Datasheet
85Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
HEF40373BF PHILIPS-HEF40373BF Datasheet
85Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
More results

Similar Description - HEF40374BF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com