Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LPE185 Datasheet(PDF) 8 Page - Texas Instruments

Part # SN75LPE185
Description  LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LPE185 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN75LPE185_06 Datasheet HTML 4Page - Texas Instruments SN75LPE185_06 Datasheet HTML 5Page - Texas Instruments SN75LPE185_06 Datasheet HTML 6Page - Texas Instruments SN75LPE185_06 Datasheet HTML 7Page - Texas Instruments SN75LPE185_06 Datasheet HTML 8Page - Texas Instruments SN75LPE185_06 Datasheet HTML 9Page - Texas Instruments SN75LPE185_06 Datasheet HTML 10Page - Texas Instruments SN75LPE185_06 Datasheet HTML 11Page - Texas Instruments SN75LPE185_06 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SN75LPE185
LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS
WITH ENABLE
SLLS256F – DECEMBER 1996 – REVISED NOVEMBER 2001
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IO
II
RL
CL
VI
VO
Inputs
Outputs
tPLH
tPHL
tTLH
tTHL
3 V
0 V
VOH
VOL
VI
VO
50%
50%
50%
50%
VTR+ VTR+
VTR–
VTR–
tw
NOTES: A. The pulse generator has the following characteristics:
For CL < 1000 pF: tw = 4 µs, PRR = 250 kbit/s, ZO = 50 Ω, tr = tf < 50 ns.
For CL = 2500 pF: tw = 8 µs, PRR = 125 kbit/s, ZO = 50 Ω, tr = tf < 50 ns.
B. CL includes probe and jig capacitance.
Figure 1. Driver Parameter Test Circuit and Waveform
IO
II
VI
VO
Inputs
Outputs
VDD
VCC
GND
VSS
Figure 2. Driver IOS Test
IO
II
VI
VO
Inputs
Outputs
Figure 3. Receiver VIT Test
IO
II
CL
VI
VO
Inputs
Outputs
tPLH
tPHL
tTLH
tTHL
VIH
VIL
VOH
VOL
VI
VO
50%
50%
50%
50%
90%
90%
10%
10%
tw
NOTES: A. The pulse generator has the following characteristics: tw = 4 µs, PRR = 250 kbit/s, ZO = 50 Ω, tr = tf < 50 ns.
B. CL includes probe and jig capacitance.
Figure 4. Receiver Parameter Test Circuit and Waveform


Similar Part No. - SN75LPE185_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LPE185DB TI-SN75LPE185DB Datasheet
182Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
SN75LPE185DW TI-SN75LPE185DW Datasheet
182Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
SN75LPE185NT TI-SN75LPE185NT Datasheet
182Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
SN75LPE185PW TI-SN75LPE185PW Datasheet
182Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
More results

Similar Description - SN75LPE185_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LPE185 TI-SN75LPE185 Datasheet
182Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS/RECEIVERS WITH ENABLE
logo
List of Unclassifed Man...
GS75232 ETC1-GS75232 Datasheet
111Kb / 10P
   Multiple RS-232 Drivers & Receivers
logo
Texas Instruments
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP185A TI1-SN75LP185A Datasheet
173Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com