Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75LBC241 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN75LBC241
Description  LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75LBC241 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN75LBC241_06 Datasheet HTML 2Page - Texas Instruments SN75LBC241_06 Datasheet HTML 3Page - Texas Instruments SN75LBC241_06 Datasheet HTML 4Page - Texas Instruments SN75LBC241_06 Datasheet HTML 5Page - Texas Instruments SN75LBC241_06 Datasheet HTML 6Page - Texas Instruments SN75LBC241_06 Datasheet HTML 7Page - Texas Instruments SN75LBC241_06 Datasheet HTML 8Page - Texas Instruments SN75LBC241_06 Datasheet HTML 9Page - Texas Instruments SN75LBC241_06 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN75LBC241
LOW-POWER LinBiCMOS
 MULTIPLE DRIVERS AND RECEIVERS
SLLS137F – MAY 1992 – REVISED FEBRUARY 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
EN
VOH – 0.1 V
VOL + 0.1 V
tPHZ
tPZH
tPZL
tPLZ
TEST CIRCUIT
NOTES: A. The pulse generator has the following characteristics: ZO = 50 Ω, duty cycle ≤ 50%.
B. CL includes probe and jig capacitance.
CL = 150 pF
(see Note B)
RL = 1 kΩ
Generator
(see Note A)
RIN
ROUT
2.5 V
EN
3 V
0 V
3 V
0 V
3.5 V
0.8 V
2.5 V
Figure 4. Receiver Output Enable and Disable Timing


Similar Part No. - SN75LBC241_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC241DB TI-SN75LBC241DB Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DW TI-SN75LBC241DW Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DW TI1-SN75LBC241DW Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWG4 TI1-SN75LBC241DWG4 Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241DWR TI1-SN75LBC241DWR Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
More results

Similar Description - SN75LBC241_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC241 TI1-SN75LBC241_14 Datasheet
519Kb / 13P
[Old version datasheet]   LOW-POWER LinBiCMOS MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185_06 Datasheet
305Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI1-SN75C185_16 Datasheet
1Mb / 18P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75C185 TI-SN75C185 Datasheet
141Kb / 10P
[Old version datasheet]   LOW-POWER MULTIPLE DRIVERS AND RECEIVERS
SN75LBC241 TI-SN75LBC241 Datasheet
129Kb / 8P
[Old version datasheet]   LOW-POWER LinBiCMOSE MULTIPLE DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185 Datasheet
117Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP196 TI-SN75LP196 Datasheet
104Kb / 8P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI1-SN75LP1185_16 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75LP1185 TI-SN75LP1185_06 Datasheet
316Kb / 13P
[Old version datasheet]   LOW-POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75C185 STMICROELECTRONICS-ST75C185 Datasheet
111Kb / 13P
   LOW POWER MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com