Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HC-5509B Datasheet(PDF) 6 Page - Intersil Corporation

Part # HC-5509B
Description  ITU CO/Loop Carrier SLIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC-5509B Datasheet(HTML) 6 Page - Intersil Corporation

  HC-5509B_03 Datasheet HTML 1Page - Intersil Corporation HC-5509B_03 Datasheet HTML 2Page - Intersil Corporation HC-5509B_03 Datasheet HTML 3Page - Intersil Corporation HC-5509B_03 Datasheet HTML 4Page - Intersil Corporation HC-5509B_03 Datasheet HTML 5Page - Intersil Corporation HC-5509B_03 Datasheet HTML 6Page - Intersil Corporation HC-5509B_03 Datasheet HTML 7Page - Intersil Corporation HC-5509B_03 Datasheet HTML 8Page - Intersil Corporation HC-5509B_03 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Functional Diagram
SOIC
Pinout
HC-5509B (SOIC)
TOP VIEW
TRUTH TABLE
F1
F0
ACTION
0
0
Normal Loop Feed
0
1
RD Active (Ringing)
1
0
Power Down Latch RESET
1
0
Power On RESET
1
1
Loop Power Denial Active
BG
RF
TF
VFB
VTX
C2
VRX
RFS
RING
VB-
DG
28
27
26
24
23
22
21
20
19
18
17
16
15
25
PR
RD
PRI
VB+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AG
RS
ILMT
OUT 1
-IN 1
TIP
F0
C1
F1
SHD
GKD
TST
ALM
R
2R
C1
+
R
VRX
OUT 1
2R
R/2
TIP
+
TA
R
2R
2R
R
+
90K
RING
RFS
+
LA
4.5K
25K
25K
100K
100K
4.5K
90K
RF
25
17
12
RF1
TF
14
RF
15
16
26
3
SHD
FAULT
DET
C2
ILMT
OP AMP
+
VFB
VTX
+
RTD
GKD
GM
18
11
RF2
BIAS
NETWORK
DG
AG
VB+
TSD
GK
RFC
SH
F0
F1
RS
PRI
PR
ALM
GKD
SHD
RD
TST
VB-
REF
VB/2
-IN 1
13
24
19
2
22
1
TF
BG
28
27
4
5
6
9
20
21
23
7
8
10
THERM
LTD
R = 108k
90K
R
R
100K
100K
90K
-
-
-
-
-
-
HC-5509B


Similar Part No. - HC-5509B_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
105Kb / 10P
   SLIC Subscriber Line Interface Circuit
March 1996
HC-5509B3999-003 INTERSIL-HC-5509B3999-003 Datasheet
257Kb / 10P
   SLIC Subscriber Line Interface Circuit
More results

Similar Description - HC-5509B_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HC5523 INTERSIL-HC5523_03 Datasheet
570Kb / 22P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
HC5523 INTERSIL-HC5523 Datasheet
176Kb / 18P
   LSSGR/TR57 CO/Loop Carrier SLIC with Low Power Standby
October 1998
HC-5504B INTERSIL-HC-5504B Datasheet
87Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
July 1998
HC-5504B INTERSIL-HC-5504B_04 Datasheet
222Kb / 9P
   EIA/ITU PABX SLIC with 40mA Loop Feed
HC-5502B INTERSIL-HC-5502B Datasheet
84Kb / 9P
   EIA/ITU PABX SLIC with 30mA Loop Feed
February 1999
logo
Renesas Technology Corp
HC-5502B RENESAS-HC-5502B Datasheet
636Kb / 11P
   EIA/ITU PABX SLIC with 30mA Loop Feed
August 2003
logo
Intersil Corporation
HC5515 INTERSIL-HC5515 Datasheet
170Kb / 17P
   ITU CO/PABX SLIC with Low Power Standby
October 1998
HC5515 INTERSIL-HC5515_06 Datasheet
461Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
HC5526 INTERSIL-HC5526_03 Datasheet
415Kb / 20P
   ITU CO/PABX SLIC with Low Power Standby
logo
Renesas Technology Corp
HC5526 RENESAS-HC5526 Datasheet
993Kb / 19P
   ITU CO/PABX SLIC with Low Power Standby
August 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com