Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLA17BN1522R0P2M Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # PLA17BN1522R0P2M
Description  EMI Suppression Filters for AC Power Lines
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLA17BN1522R0P2M Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PLA17BN1522R0P2M Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PLA17BN1522R0P2M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLA17BN1522R0P2M Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PLA17BN1522R0P2M Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PLA17BN1522R0P2M Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLA17BN1522R0P2M Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLA17BN1522R0P2M Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLA17BN1522R0P2M Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLA17BN1522R0P2M Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
Outline of EMI Suppression Filter (EMIFILr) for AC Power Lines
s Common Mode Choke Coil Standard Winding and Sectional Winding
s Noise Measures for Switching Power Supply
Standard Winding
Sectional Winding
1
18
19
36
2
17
20
35
3
16
21
34
4
15
22
33
5
14
23
32
6
13
24
31
7
12
25
30
8
11
26
29
9
10
27
28
End of Winding
End of Winding
Beginning of Winding
High-frequency noise can pass through the
Filter easily because both edges of coils are
close as shown above
1
8
9
16
2
7
10
15
3
6
11
14
4
5
12
13
17
24
25
32
18
23
26
31
19
22
27
30
20
21
28
29
Beginning of Winding
High-frequency noise can hardly pass
through the Filter because both edges
of coil are not close as shown above
Standard Winding
Large inductance is available
→Highly Efficient in Low Frequency
Sectional Winding
Excellent performance in high frequency
Stray capacity between windings is low
Frequency (MHz)
0.1
1
10
100
0
20
40
60
80
0.01
(Standard Winding)
(Sectional Winding)
Noise are generated from
Switching Power Supply
Common Mode Noise
Differential Mode Noise
PLA10/PLH10
Common Mode Choke Coil
suppresses Common
Mode Noise
Across the Line Capacitor
(X Capacitor) suppresses
Differential Mode Noise
Across the Line Capacitor
(X Capacitor) suppresses
Differential Mode Noise
Differential Mode Choke Coil
suppresses Differential Mode Noise
Differential Mode Choke Coil
suppresses Differential Mode
Noise
Line Bypass Capacitor
(Y Capacitor) suppresses
Common Mode Noise
Load
Switching
Power Supply
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C09E.pdf
06.2.9


Similar Part No. - PLA17BN1522R0P2M

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PLA170 CLARE-PLA170 Datasheet
625Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
PLA170 IXYS-PLA170 Datasheet
122Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
PLA170S CLARE-PLA170S Datasheet
625Kb / 5P
   Single Pole OptoMOS Relay
logo
IXYS Corporation
PLA170S IXYS-PLA170S Datasheet
122Kb / 7P
   Single-Pole, Normally Open OptoMOS Relay
logo
Clare, Inc.
PLA170STR CLARE-PLA170STR Datasheet
625Kb / 5P
   Single Pole OptoMOS Relay
More results

Similar Description - PLA17BN1522R0P2M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
logo
EPCOS
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com