Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS82C59A Datasheet(PDF) 1 Page - Intersil Corporation

Part # CS82C59A
Description  CMOS Priority Interrupt Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C59A Datasheet(HTML) 1 Page - Intersil Corporation

  CS82C59A Datasheet HTML 1Page - Intersil Corporation CS82C59A Datasheet HTML 2Page - Intersil Corporation CS82C59A Datasheet HTML 3Page - Intersil Corporation CS82C59A Datasheet HTML 4Page - Intersil Corporation CS82C59A Datasheet HTML 5Page - Intersil Corporation CS82C59A Datasheet HTML 6Page - Intersil Corporation CS82C59A Datasheet HTML 7Page - Intersil Corporation CS82C59A Datasheet HTML 8Page - Intersil Corporation CS82C59A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
®
82C59A
CMOS Priority Interrupt Controller
The Intersil 82C59A is a high performance CMOS Priority
Interrupt Controller manufactured using an advanced 2
µm
CMOS process. The 82C59A is designed to relieve the
system CPU from the task of polling in a multilevel
priority system. The high speed and industry standard
configuration of the 82C59A make it compatible with
microprocessors such as 80C286, 80286, 80C86/88,
8086/88, 8080/85 and NSC800.
The 82C59A can handle up to eight vectored priority
interrupting sources and is cascadable to 64 without
additional circuitry. Individual interrupting sources can be
masked or prioritized to allow custom system configuration.
Two modes of operation make the 82C59A compatible with
both 8080/85 and 80C86/88/286 formats.
Static CMOS circuit design ensures low operating power.
The Intersil advanced CMOS process results in performance
equal to or greater than existing equivalent products at a
fraction of the power.
Features
• Pb-Free Plus Anneal Available (RoHS Compliant)
• 12.5MHz, 8MHz and 5MHz Versions Available
• High Speed, “No Wait-State” Operation with 12.5MHz
80C286 and 8MHz 80C86/88
• Pin Compatible with NMOS 8259A
• 80C86/88/286 and 8080/85/86/88/286 Compatible
• Eight-Level Priority Controller, Expandable to
64 Levels
• Programmable Interrupt Modes
• Individual Request Mask Capability
• Fully Static Design
• Fully TTL Compatible
• Low Power Operation
- ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . 10
µA Maximum
- ICCOP . . . . . . . . . . . . . . . . . . . . . .1mA/MHz Maximum
• Single 5V Power Supply
• Commercial, Industrial and Military Operating
Temperature Ranges Available
Data Sheet
FN2784.5
March 17, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2002, 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - CS82C59A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CS82C59A INTERSIL-CS82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
CS82C59A-12 INTERSIL-CS82C59A-12 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
CS82C59A-5 INTERSIL-CS82C59A-5 Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
More results

Similar Description - CS82C59A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C59A INTERSIL-82C59A Datasheet
152Kb / 20P
   CMOS Priority Interrupt Controller
March 1997
logo
Renesas Technology Corp
82C59A RENESAS-82C59A Datasheet
604Kb / 23P
   CMOS Priority Interrupt Controller
Sep 8, 2015
logo
Motorola, Inc
MC6828 MOTOROLA-MC6828 Datasheet
755Kb / 8P
   PRIORITY INTERRUPT CONTROLLER
logo
Intel Corporation
M8214 INTEL-M8214 Datasheet
212Kb / 2P
   PRIORITY INTERRUPT CONTROL UNIT
logo
List of Unclassifed Man...
USC68HC908 ETC1-USC68HC908 Datasheet
2Mb / 3P
   PROGRAMMABLE INTERRUPT CONTROLLER CMOS
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
Megawin Technology Co.,...
MPC82E52 MEGAWIN-MPC82E52 Datasheet
2Mb / 144P
   Interrupt controller
MG86FE104 MEGAWIN-MG86FE104 Datasheet
3Mb / 134P
   Interrupt controller
MG74PG1A08 MEGAWIN-MG74PG1A08 Datasheet
1Mb / 127P
   Interrupt controller
logo
Fujitsu Component Limit...
MB89259A FUJITSU-MB89259A Datasheet
52Kb / 1P
   INTERRUPT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com