Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1523E Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA1523E
Description  Voltage Regulator Control Circuit for Variable Switching Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1523E Datasheet(HTML) 1 Page - Intersil Corporation

  CA1523E Datasheet HTML 1Page - Intersil Corporation CA1523E Datasheet HTML 2Page - Intersil Corporation CA1523E Datasheet HTML 3Page - Intersil Corporation CA1523E Datasheet HTML 4Page - Intersil Corporation CA1523E Datasheet HTML 5Page - Intersil Corporation CA1523E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
®
CA1523
Voltage Regulator Control Circuit
for Variable Switching Regulator
Description
The CA1523 monolithic silicon integrated circuit is a variable
interval pulse regulator designed to provide the control cir-
cuitry for use in switching regulator circuits. It operates from
11V to 15V.
The regulator provides a single output drive capable of
300mA source/200mA sink. The maximum operating fre-
quency is better than 200kHz. An attractive feature of the
CA1523 is that the timing capacitor charge and discharge
current is set up externally via a single resistor. The ratio of
charge to discharge current is internally set at a maximum of
2 to 1 allowing simultaneous change in output pulse width
with increased frequency at higher load. The pulse width
variation at higher frequencies effectively compensates for
the losses in magnetics and thereby increases the power
supply efficiency at higher load end by as much as 20
percent.
Features
• Operates up to 200kHz
• Pins ESD Protected
• Remote ON/OFF
• Slow Start with Reset
• Overcurrent Sensing
• Lower Peak Currents than PWM Regulator
- Less Prone to Magnetic Saturation
Part Number Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
CA1523E
0oC to +70oC
14 Lead Plastic DIP
File Number
1785.3
November 2000
Pinout
CA1523 (PDIP)
TOP VIEW
ERROR
CURRENT SENSE
GND
RISE TIME
OUTPUT GND
OUTPUT
VCC
TIMING
ZENER
ON/OFF
OVER CURRENT
SLOW START
LOGIC OUTPUT
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
OBS
OLE
TE P
ROD
UCT
NO
REC
OMM
END
ED R
EPL
ACE
MEN
T
con
tact
our
Tech
nica
l Su
ppo
rt C
ente
r at
1-88
8-IN
TER
SIL
or w
ww.
inte
rsil.
com
/tsc


Similar Part No. - CA1523E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA1523E INTERSIL-CA1523E Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
More results

Similar Description - CA1523E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA1523 INTERSIL-CA1523 Datasheet
59Kb / 6P
   Voltage Regulator Control Circuit for Variable Switching Regulator
April 1994
logo
NEC
UPC1042 NEC-UPC1042 Datasheet
249Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
logo
New Japan Radio
NJM3524 NJRC-NJM3524 Datasheet
224Kb / 6P
   SWITCHING REGULATOR CONTROL CIRCUIT
logo
NTE Electronics
NTE7109 NTE-NTE7109 Datasheet
40Kb / 5P
   Integrated Circuit Switching Regulator Control
NTE7044 NTE-NTE7044 Datasheet
37Kb / 2P
   Integrated Circuit Switching Regulator Control Circuit
logo
NEC
UPC1100 NEC-UPC1100 Datasheet
345Kb / 10P
   DUAL SWITCHING REGULATOR CONTROL CIRCUIT
logo
Rohm
BA3960 ROHM-BA3960 Datasheet
82Kb / 5P
   Dual circuit, variable output voltage regulator
logo
NEC
UPC1099 NEC-UPC1099 Datasheet
356Kb / 12P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION?
UPC1094 NEC-UPC1094 Datasheet
569Kb / 8P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION
UPC1905 NEC-UPC1905 Datasheet
850Kb / 12P
   SWITCHING REGULATOR CONTROL CIRCUIT FOR 500 kHz OPERATION?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com