Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1883 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CDP1883
Description  CMOS 7-Bit Latch and Decoder Memory Interfaces
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1883 Datasheet(HTML) 5 Page - Intersil Corporation

  CDP1883 Datasheet HTML 1Page - Intersil Corporation CDP1883 Datasheet HTML 2Page - Intersil Corporation CDP1883 Datasheet HTML 3Page - Intersil Corporation CDP1883 Datasheet HTML 4Page - Intersil Corporation CDP1883 Datasheet HTML 5Page - Intersil Corporation CDP1883 Datasheet HTML 6Page - Intersil Corporation CDP1883 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
133
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
Dynamic Electrical Specifications TA = -40
oC to +85oC, V
DD ± 5%, tR, tF = 20ns, VIH = 0.7 VDD, VIL = 0.3 VDD, CL = 100pF.
See Figure 1
PARAMETER
VDD
(V)
CDP1883
CDP1883C
UNITS
MIN
(NOTE 1)
TYP
(NOTE 2)
MAX
MIN
(NOTE 1)
TYP
(NOTE 2)
MAX
Minimum Setup Time,
Memory Address to CLOCK
tMACL
5-
10
35
-
10
35
ns
10
-
8
25
-
-
-
ns
Minimum Hold Time,
Memory Address After CLOCK
tCLMA
5
-
825
-
825
ns
10
-
8
25
-
-
-
ns
Minimum CLOCK Pulse Width
tCLCL
5-
50
75
-
50
75
ns
10
-
25
40
-
-
-
ns
PROPAGATION DELAY TIMES
Chip Enable to Chip Select
tCECS
5
-
75
150
-
75
150
ns
10
-
45
100
-
-
-
ns
CLOCK to Chip Select
tCLCS
5
-
100
175
-
100
175
ns
10
-
65
125
-
-
-
ns
CLOCK to Address
tCLA
5
-
100
175
-
100
175
ns
10
-
65
125
-
-
-
ns
Memory Address to Chip Select
tMACS
5
-
100
175
-
100
175
ns
10
-
75
125
-
-
-
ns
Memory Address to Address
tMAA
5
-
80
125
-
80
125
ns
10
-
40
60
-
-
-
ns
NOTES:
1. Typical values are for TA = 25
oC.
2. Maximum limits of minimum characteristics are the values above which all devices function.
CDP1883, CDP1883C


Similar Part No. - CDP1883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1883 INTERSIL-CDP1883 Datasheet
32Kb / 6P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883C INTERSIL-CDP1883C Datasheet
32Kb / 6P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883CE INTERSIL-CDP1883CE Datasheet
32Kb / 6P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1883E INTERSIL-CDP1883E Datasheet
32Kb / 6P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
More results

Similar Description - CDP1883

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1883 INTERSIL-CDP1883 Datasheet
32Kb / 6P
   CMOS 7-Bit Latch and Decoder Memory Interfaces
March 1997
CDP1881C INTERSIL-CDP1881C Datasheet
48Kb / 8P
   CMOS 6-Bit Latch and Decoder Memory Interfaces
March 1997
logo
IK Semicon Co., Ltd
IW4511B IKSEMICON-IW4511B Datasheet
198Kb / 7P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
logo
Texas Instruments
CD4511B TI-CD4511B Datasheet
253Kb / 6P
[Old version datasheet]   CMOS BCD-TO-7-SEGMENT LATCH DECODER DRIVERS
logo
KODENSHI_AUK CORP.
KK4511B KODENSHI-KK4511B Datasheet
324Kb / 7P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
logo
Intersil Corporation
CD4511BMS INTERSIL-CD4511BMS Datasheet
134Kb / 11P
   CMOS BCD-to-7-Segment Latch Decoder Drivers
December 1992
logo
Texas Instruments
CD4511B TI1-CD4511B_17 Datasheet
1Mb / 15P
[Old version datasheet]   CMOS BCD-to-7-Segment Latch Decoder Drivers
CD4511BF TI-CD4511BF Datasheet
1Mb / 15P
[Old version datasheet]   CMOS BCD-to-7 Segment Latch Decoder Drivers
logo
NXP Semiconductors
MWCT101XSF NXP-MWCT101XSF Datasheet
1Mb / 65P
   Memory and memory interfaces
Rev. 3, 12/2019
logo
National Semiconductor ...
CD4511BM NSC-CD4511BM Datasheet
145Kb / 8P
   BCD-to-7 Segment Latch/Decoder/Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com