Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD22301 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CD22301
Description  Monolithic PCM Repeater
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD22301 Datasheet(HTML) 5 Page - Intersil Corporation

  CD22301 Datasheet HTML 1Page - Intersil Corporation CD22301 Datasheet HTML 2Page - Intersil Corporation CD22301 Datasheet HTML 3Page - Intersil Corporation CD22301 Datasheet HTML 4Page - Intersil Corporation CD22301 Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
CD22301
FIGURE 6. TEST CIRCUIT FOR THRESHOLD VOLTAGE MEASUREMENT
FIGURE 7. PREAMPLIFIER GAIN AND IMPEDANCE MEASUREMENT CIRCUIT
FIGURE 8. OUTPUT PULSE WAVEFORM
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
1
µF
1
µF
1
µF
1
µF
0.1
µF75Ω
130
DATA
∆V
CLOCK
VCC = 5.1V
2.75VRMS at
1.185MHz
IN4152
0.1
µF
0.1
µF
0.1
µF
0.1
µF
8.2
k
8.2k
8.2k
5k
8.2k
3V +
-
2k
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
NC
ein
1.0
µF
50
200
k
1.0
µF
200k
NC
NC
0.1
µF
VCC = 5.1V
100%
90%
50%
10%
0%
tR
tW
tF


Similar Part No. - CD22301

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22301 INTERSIL-CD22301 Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
CD22301E INTERSIL-CD22301E Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
More results

Similar Description - CD22301

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22301 INTERSIL-CD22301 Datasheet
58Kb / 6P
   Monolithic PCM Repeater
January 1997
logo
National Semiconductor ...
TP3040 NSC-TP3040 Datasheet
183Kb / 10P
   TP3040, TP3040A PCM Monolithic Filter
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
Ultralife Corporation.
UBP103450 ULTRALIFE-UBP103450 Datasheet
466Kb / 2P
   PCM
Rev: L
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com