Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLH17AS1522R0R2M Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # PLH17AS1522R0R2M
Description  EMI Suppression Filters for AC Power Lines
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PLH17AS1522R0R2M Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button PLH17AS1522R0R2M Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PLH17AS1522R0R2M Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PLH17AS1522R0R2M Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PLH17AS1522R0R2M Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PLH17AS1522R0R2M Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PLH17AS1522R0R2M Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PLH17AS1522R0R2M Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PLH17AS1522R0R2M Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. PLH17AS1522R0R2M Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
5
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
EMI Suppression Filters (EMIFILr) for AC Power Lines
Common Mode Choke Coil
FKOB Series
The FKOB series is compact size AC common mode choke
coil which uses troidal type ferrite core.
Its broad band frequency characteristic enables simple
filter composition in relative low noise equipments.
ø23 max.
10
±0.5
(in mm)
FKOB160MH02/25/23/26/24
ø23 max.
10
±0.5
(in mm)
FKOB160MH06/13/14/16/15
Part Number
Common Mode Inductance
(min.)
(
µH)
Rated Current
(A)
Rated Voltage
(V)
Insulation Resistance
(min.)
(M ohm)
FKOB160MH02
250
2.5
250
100
FKOB160MH06
250
2.5
250
100
FKOB160MH13
600
2.5
250
100
FKOB160MH25
600
2.5
250
100
FKOB160MH14
800
2.5
250
100
FKOB160MH23
800
2.5
250
100
FKOB160MH16
1000
1.5
250
100
FKOB160MH26
1000
1.5
250
100
FKOB160MH15
1500
1.5
250
100
FKOB160MH24
1500
1.5
250
100
Operating Temperature Range (Ambient Temperature Range + Winding Temperature Rise): -20
°C to 95°C
Winding Temperature Rise (at Rated Current) (max.): 35K
s Equivalent Circuit Diagram
(1)
(4)
(2)
(3)
N1
N2
N1 : N2 = 1 : 1
s Insertion Loss-Frequency Characteristics
0
10
20
30
40
50
60
70
0.1
0.5
1
5
10
50
100
16, 26
15, 24
02, 06
13, 14, 23, 25
Frequency (MHz)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C09E.pdf
06.2.9


Similar Part No. - PLH17AS1522R0R2M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PLH10AN1112R6P2B MURATA-PLH10AN1112R6P2B Datasheet
199Kb / 3P
   Operating Temperature Range
PLH10AN1612R1P2B MURATA-PLH10AN1612R1P2B Datasheet
201Kb / 3P
   Operating Temperature Range
PLH10AN2211R5P2B MURATA-PLH10AN2211R5P2B Datasheet
199Kb / 3P
   Operating Temperature Range
PLH10AN2911R2P2B MURATA-PLH10AN2911R2P2B Datasheet
201Kb / 3P
   Operating Temperature Range
PLH10AN3711R0P2B MURATA-PLH10AN3711R0P2B Datasheet
199Kb / 3P
   Operating Temperature Range
More results

Similar Description - PLH17AS1522R0R2M

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
logo
EPCOS
B84299C2160B001 EPCOS-B84299C2160B001 Datasheet
834Kb / 18P
   Filters for Power Lines
B84263 EPCOS-B84263 Datasheet
710Kb / 16P
   Filters for Power Lines
B84261 EPCOS-B84261 Datasheet
561Kb / 12P
   Filters for Power Lines
B84299C2160B003 EPCOS-B84299C2160B003 Datasheet
1,006Kb / 21P
   Filters for Power Lines
B84299G EPCOS-B84299G Datasheet
441Kb / 9P
   Filters for Power Lines
logo
Crydom Inc.,
1F25 CRYDOM-1F25 Datasheet
555Kb / 3P
   EMI noise suppression filters for SSRs
1F25 CRYDOM-1F25_18 Datasheet
470Kb / 3P
   EMI noise suppression filters for SSRs in
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com