Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CA3420 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. CA3420
Description  0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

CA3420 Datasheet(HTML) 4 Page - Intersil Corporation

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
FN1320.9
October 4, 2005
Typical Performance Curves
FIGURE 3. OUTPUT VOLTAGE SWING AND COMMON MODE
INPUT VOLTAGE RANGE vs SUPPLY VOLTAGE
FIGURE 4. OUTPUT VOLTAGE vs LOAD SOURCING CURRENT
FIGURE 5. OUTPUT VOLTAGE vs LOAD SINKING CURRENT
FIGURE 6. INPUT NOISE VOLTAGE vs FREQUENCY
FIGURE 7. OPEN LOOP GAIN AND PHASE SHIFT RESPONSE
VO-
RL = 100kΩ
10
SUPPLY VOLTAGE (V)
15
TA = 25°C
-1.0
VO+
VICR-
VICR+
5
1
0
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
V+ = 2V
V+ = 5V
V+ = 10V
V+ = 20V
10
1
0.1
0.01
LOAD (SOURCING) CURRENT (mA)
V- = 0V
TA = 25°C
1000
100
10
V- = -2V
V- = -5V
V- = -10V
V- = -20V
10
1
0.1
0.01
LOAD (SINKING) CURRENT (mA)
10
100
1000
V+ = 0V
TA = 25°C
VS = ±10V
VS = ±5V
VS = ±1V
106
FREQUENCY (Hz)
105
104
103
102
101
1
10
100
1000
TA = 25°C
FREQUENCY (Hz)
106
105
104
102
101
1
103
VS = ±5V
TA = 25°C
RL = 10kΩ
CL = 0pF
0
20
40
60
80
100
-180
-135
-90
-45
0
CA3420


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn