Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD22100F Datasheet(PDF) 9 Page - Harris Corporation

Part # CD22100F
Description  CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22100F Datasheet(HTML) 9 Page - Harris Corporation

Back Button CD22100F Datasheet HTML 2Page - Harris Corporation CD22100F Datasheet HTML 3Page - Harris Corporation CD22100F Datasheet HTML 4Page - Harris Corporation CD22100F Datasheet HTML 5Page - Harris Corporation CD22100F Datasheet HTML 6Page - Harris Corporation CD22100F Datasheet HTML 7Page - Harris Corporation CD22100F Datasheet HTML 8Page - Harris Corporation CD22100F Datasheet HTML 9Page - Harris Corporation CD22100F Datasheet HTML 10Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4-192
CD22100
FIGURE 10. PROPAGATION DELAY TIME TEST CIRCUIT AND WAVEFORMS
(ADDRESS TO SIGNAL OUTPUT, SWITCH TURN-ON OR TURN-OFF)
Typical Performance Curves
FIGURE 11. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT VDD = -VSS = 2.5V
FIGURE 12. TYPICAL ON RESISTANCE AS A FUNCTION OF
INPUT SIGNAL VOLTAGE AT VDD = -VSS = 5V
Test Circuits and Waveforms (Continued)
DATA-IN
VOS2
ADDRESS
VOS1
SW
VIS
VOS1
50pF
1k
VDD
ADDRESS = 0
SW = ANY CROSSPOINT
STROBE = VDD
SW
VIS
VOS2
50pF
1k
VDD
ADDRESS = 1
VDD
VDD
0
0
50%
90%
tPZH
0
0
VDD
VDD
10%
50%
50%
tH
tS
tPHZ
VDD = 2.5V, VSS = -2.5V
25oC
-55oC
INPUT SIGNAL (V)
300
250
200
150
100
50
0
-4
-3
-2
-1
0
1
2
3
4
TA = 125
oC
VDD = 5V, VSS = -5V
TA = 125
oC
25oC
-55oC
INPUT SIGNAL (V)
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
150
125
100
75
50
25
0


Similar Part No. - CD22100F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22100F INTERSIL-CD22100F Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
More results

Similar Description - CD22100F

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
   CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
   4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
   8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com