Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD22100E Datasheet(PDF) 6 Page - Harris Corporation

Part # CD22100E
Description  CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22100E Datasheet(HTML) 6 Page - Harris Corporation

Back Button CD22100E Datasheet HTML 2Page - Harris Corporation CD22100E Datasheet HTML 3Page - Harris Corporation CD22100E Datasheet HTML 4Page - Harris Corporation CD22100E Datasheet HTML 5Page - Harris Corporation CD22100E Datasheet HTML 6Page - Harris Corporation CD22100E Datasheet HTML 7Page - Harris Corporation CD22100E Datasheet HTML 8Page - Harris Corporation CD22100E Datasheet HTML 9Page - Harris Corporation CD22100E Datasheet HTML 10Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-189
CD22100
Metallization Mask Layout
Test Circuits and Waveforms
FIGURE 1. QUIESCENT CURRENT TEST CIRCUIT
FIGURE 2. INPUT CURRENT TEST CIRCUIT
Dimensions in parenthesis are in millimeters and are derived
from the basic inch dimensions as indicated. Grid graduations
are in mils (10-3 inch).
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VDD
VDD
IDD
VSS
VSS
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
VDD
VDD
VSS
VSS
II
NOTE:
MEASURE INPUTS
SEQUENTIALLY TO
BOTH VDD AND VSS
CONNECT ALL UNUSED
INPUTS TO EITHER
VDD OR VSS


Similar Part No. - CD22100E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22100E INTERSIL-CD22100E Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
More results

Similar Description - CD22100E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22101 HARRIS-CD22101 Datasheet
159Kb / 13P
   CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
   4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100_03 Datasheet
300Kb / 10P
   4x4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
   8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com