Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDP1855D Datasheet(PDF) 4 Page - Intersil Corporation

Part # CDP1855D
Description  8-Bit Programmable Multiply/Divide Unit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1855D Datasheet(HTML) 4 Page - Intersil Corporation

  CDP1855D Datasheet HTML 1Page - Intersil Corporation CDP1855D Datasheet HTML 2Page - Intersil Corporation CDP1855D Datasheet HTML 3Page - Intersil Corporation CDP1855D Datasheet HTML 4Page - Intersil Corporation CDP1855D Datasheet HTML 5Page - Intersil Corporation CDP1855D Datasheet HTML 6Page - Intersil Corporation CDP1855D Datasheet HTML 7Page - Intersil Corporation CDP1855D Datasheet HTML 8Page - Intersil Corporation CDP1855D Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Functional Description
The CDP1855 is a multiply-divide unit (MDU) designed to be
compatible with CDP1800 series microprocessor systems. It
can, in fact, be interfaced to most 8-bit microprocessors (see
Figure 5). The CDP1855 performs binary multiply or divide
operations as directed by the microprocessor. It can do a
16N-bit by 8N-bit divide yielding a 8N-bit result plus and 8N-
bit remainder. The multiply is an 8N-bit by 8N-bit operation
with a 16N-bit result. The “N” represent the number of
cascaded CDP1855's and can be 1, 2, 3 or 4. All operations
require 8N + 1 shift pulses (See “DELAY NEEDED WITH
AND WITHOUT PRESCALER”).
The CDP1855 contains three registers, X, Y, and Z, which
are loaded with the operands prior to an operation and
contain the results at the completion. In addition, the control
register must be loaded to initiate a multiply or divide. There
is also a status register which contains an overflow flag as
shown in the “CONTROL REGISTER BIT ASSIGNMENT
TABLE”. The register address lines (RA0-RA1) are used to
select the appropriate register for loading or reading. The
RD/WE and STB lines are used in conjunction with the RA
lines
to
determine
the
exact
MDU
response
(See
“CONTROL TRUTH TABLE”).
When multiple MDU's are cascaded, the loading of each reg-
ister is done sequentially. For example, the first selection of
FIGURE 2. BLOCK DIAGRAM OF CDP1855 AND CDP1855C
22
BUS
7
21
BUS
6
20
BUS
5
19
BUS
4
18
BUS
3
17
BUS
2
16
BUS
1
15
BUS
0
11
REGISTER
SELECT LOGIC
12
13
1
SELECT CONTROL
SELECT Z
SELECT Y
SELECT X
SELECT STATUS
X SEQUENCE
COUNTER
RESET
OUT
8
CLOCK
26
CN1
27
CN0
8
ADD/
SUBTRACT
X REGISTER
LOAD
8
SHIFT
GENERATOR
Y REGISTER
LOAD
STATUS
REG
8
8
Y SEQUENCE
COUNTER
RESET
OUT
Z SEQUENCE
COUNTER
RESET
OUT
CHIP
NO.
SHIFT
RESET
Z REGISTER
LOAD
8
SHIFT
RESET
25
3
4
5
24
6
23
LOAD
10
7
2
9
RD/WE
SHIFT
CLEAR
STB
C.I.
CTL.
C.O./O.F.
YL
YR
ZL
ZR
RA2 RA1 RA0
CE
C.O.
14
28 VDD
VSS
CDP1855, CDP1855C


Similar Part No. - CDP1855D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1855D INTERSIL-CDP1855D Datasheet
85Kb / 15P
   8-Bit Programmable Multiply/Divide Unit
March 1997
More results

Similar Description - CDP1855D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CDP1855 INTERSIL-CDP1855 Datasheet
85Kb / 15P
   8-Bit Programmable Multiply/Divide Unit
March 1997
logo
Zilog, Inc.
Z86C9320PSC ZILOG-Z86C9320PSC Datasheet
1Mb / 47P
   MULTIPLY/DIVIDE MICROCONTROLLER
logo
Cypress Semiconductor
CY8C36_1105 CYPRESS-CY8C36_1105 Datasheet
4Mb / 126P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
CY8C38_1105 CYPRESS-CY8C38_1105 Datasheet
4Mb / 130P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
logo
National Semiconductor ...
COP888FH NSC-COP888FH Datasheet
507Kb / 49P
   8-Bit CMOS ROM Based Microcontrollers with 12k Memory, Comparators, USART and Hardware Multiply/Divide
logo
Hitachi Semiconductor
HD14522B HITACHI-HD14522B Datasheet
104Kb / 7P
   Programmable Divide-by-N 4-bit Counter
logo
Frequency Devices, Inc.
858 FREQUENCYDEVICES-858 Datasheet
524Kb / 19P
   8-Bit Programmable
logo
NXP Semiconductors
MC146805E2 NXP-MC146805E2 Datasheet
10Mb / 36P
   8-BIT MICROPROCESSOR UNIT
MC68HC05T1 NXP-MC68HC05T1 Datasheet
3Mb / 40P
   8-Bit Microcomputer Unit
logo
Motorola, Inc
MC68HC05C9 MOTOROLA-MC68HC05C9 Datasheet
674Kb / 21P
   8-Bit Microcontroller Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com