Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3290 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CA3290
Description  BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3290 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button CA3290 Datasheet HTML 2Page - Intersil Corporation CA3290 Datasheet HTML 3Page - Intersil Corporation CA3290 Datasheet HTML 4Page - Intersil Corporation CA3290 Datasheet HTML 5Page - Intersil Corporation CA3290 Datasheet HTML 6Page - Intersil Corporation CA3290 Datasheet HTML 7Page - Intersil Corporation CA3290 Datasheet HTML 8Page - Intersil Corporation CA3290 Datasheet HTML 9Page - Intersil Corporation CA3290 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
constant to insure constant reverse voltage bias on the
photo diode.
Low-Frequency Multivibrator
In this application, one half of the CA3290 is used as a
conventional multivibrator circuit. Because of the extremely
high input impedance of this device, large values of timing
resistor (R1) may be used for long time delays with relatively
small leakage timing capacitors. The second half of the
CA3290 is used as an output buffer to insure that the
multivibrator frequency will not be affected by output loading.
RP is the parallel combination of the two 1MΩ resistors
connected between +15V and GND.
Window Comparator
Both halves of the CA3290 can be used in a high input
impedance window comparator as shown in Figure 7. The
LED will be turned “on” whenever the input signal is above
the lower limit (VL) but below the upper limit (VU), as
determined by the R1/R2/R3 resistor divider.
+
-
+15V
A2 CA3290
7
6
5
+15V
3.3k
60M
1.0
µF
10k
140k
+
-
A1 CA3290
1
+15V
1N914
8
4
0.01
µF
1N914
+15V
3
2
1M
+15V
15k
1.5M
2M
15
k
C30809
X 60s TIME
R1
R2
FIGURE 5. LIGHT CONTROLLED ONE-SHOT TIMER
+
-
+15V
A2
CA3290
7
6
5
3.3k
1M
+
-
A1
CA3290
1
8
4
+15V
2
3
15k
1M
+15V
20M
RP
1M
1M
+15V
0.36
µF
R2
1M
tPeriod
10s
==
t2R
1Clog
e
2R
P
R
2
------------ 1
+



=
R1
C
FIGURE 6. LOW FREQUENCY MULTIVIBRATOR
+
-
A2
CA3290
+
-
A1 CA3290
1
7
8
4
670
3.9k
LED
2N2102
2
3
6
5
R3
VL
VU
100k
R1
100k
+15V
+15V
INPUT
47k
R2
47k
6.8k
FIGURE 7. WINDOW COMPARATOR
CA3290, CA3290A


Similar Part No. - CA3290

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3290 INTERSIL-CA3290 Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290A INTERSIL-CA3290A Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290AE INTERSIL-CA3290AE Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290E INTERSIL-CA3290E Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
More results

Similar Description - CA3290

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3290 INTERSIL-CA3290 Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com