Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3140 Datasheet(PDF) 17 Page - Intersil Corporation

Part # CA3140
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140 Datasheet(HTML) 17 Page - Intersil Corporation

Back Button CA3140_05 Datasheet HTML 13Page - Intersil Corporation CA3140_05 Datasheet HTML 14Page - Intersil Corporation CA3140_05 Datasheet HTML 15Page - Intersil Corporation CA3140_05 Datasheet HTML 16Page - Intersil Corporation CA3140_05 Datasheet HTML 17Page - Intersil Corporation CA3140_05 Datasheet HTML 18Page - Intersil Corporation CA3140_05 Datasheet HTML 19Page - Intersil Corporation CA3140_05 Datasheet HTML 20Page - Intersil Corporation CA3140_05 Datasheet HTML 21Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17
FN957.10
July 11, 2005
Pulse “droop” during the hold interval is 170pA/200pF which is
0.85
µV/µs; (i.e., 170pA/200pF). In this case, 170pA represents
the typical leakage current of the CA3080A when strobed off. If
C1 were increased to 2000pF, the “hold-droop” rate will
decrease to 0.085
µV/µs, but the slew rate would decrease to
0.25V/
µs. The parallel diode network connected between
Terminal 3 of the CA3080A and Terminal 6 of the CA3140
prevents large input signal feedthrough across the input
terminals of the CA3080A to the 200pF storage capacitor when
the CA3080A is strobed off. Figure 24 shows dynamic
characteristic waveforms of this sample-and-hold system.
Current Amplifier
The low input terminal current needed to drive the CA3140
makes it ideal for use in current amplifier applications such
as the one shown in Figure 25 (see Note 14). In this circuit,
low current is supplied at the input potential as the power
supply to load resistor RL. This load current is increased by
the multiplication factor R2/R1, when the load current is
monitored by the power supply meter M. Thus, if the load
current is 100nA, with values shown, the load current
presented to the supply will be 100
µA; a much easier current
to measure in many systems.
Note that the input and output voltages are transferred at the
same potential and only the output current is multiplied by
the scale factor.
The dotted components show a method of decoupling the
circuit from the effects of high output load capacitance and
the potential oscillation in this situation. Essentially, the
necessary high frequency feedback is provided by the
capacitor with the dotted series resistor providing load
decoupling.
Full Wave Rectifier
Figure 26 shows a single supply, absolute value, ideal full-
wave rectifier with associated waveforms. During positive
excursions, the input signal is fed through the feedback
network directly to the output. Simultaneously, the positive
excursion of the input signal also drives the output terminal
(No. 6) of the inverting amplifier in a negative going
excursion such that the 1N914 diode effectively disconnects
the amplifier from the signal path. During a negative going
excursion of the input signal, the CA3140 functions as a
normal inverting amplifier with a gain equal to -R2/R1. When
the equality of the two equations shown in Figure 26 is
satisfied, the full wave output is symmetrical.
NOTE:
14. “Operational Amplifiers Design and Applications”, J. G. Graeme,
McGraw-Hill Book Company, page 308, “Negative Immittance
Converter Circuits”.
Top Trace: Output; 50mV/Div., 200ns/Div.
Bottom Trace: Input; 50mV/Div., 200ns/Div.
Top Trace: Output Signal; 5V/Div, 2
µs/Div.
Center Trace: Difference of Input and Output Signals through
Tektronix Amplifier 7A13; 5mV/Div., 2
µs/Div.
Bottom Trace: Input Signal; 5V/Div., 2
µs/Div.
LARGE SIGNAL RESPONSE AND SETTLING TIME
SAMPLING RESPONSE
Top Trace: Output; 100mV/Div., 500ns/Div.
Bottom Trace: Input; 20V/Div., 500ns/Div.
FIGURE 24. SAMPLE AND HOLD SYSTEM DYNAMIC
CHARACTERISTICS WAVEFORMS
+15V
2
1
100k
0.1
µF
-15V
4
5
7
+
CA3140
-
0.1
µF
4.3k
10k
6
3
R1
POWER
SUPPLY
10M
R2
IL
R2
R1
M
RL
IL
x
FIGURE 25. BASIC CURRENT AMPLIFIER FOR LOW CURRENT
MEASUREMENT SYSTEMS
CA3140, CA3140A


Similar Part No. - CA3140_05

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3140A INTERSIL-CA3140A Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Renesas Technology Corp
CA3140A RENESAS-CA3140A Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140AE INTERSIL-CA3140AE Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Renesas Technology Corp
CA3140AE RENESAS-CA3140AE Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3140AEZ RENESAS-CA3140AEZ Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3140_05

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
CA3130 INTERSIL-CA3130 Datasheet
654Kb / 15P
   15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com