Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM555CN Datasheet(PDF) 6 Page - Harris Corporation

Part # LM555CN
Description  Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

LM555CN Datasheet(HTML) 6 Page - Harris Corporation

  LM555CN Datasheet HTML 1Page - Harris Corporation LM555CN Datasheet HTML 2Page - Harris Corporation LM555CN Datasheet HTML 3Page - Harris Corporation LM555CN Datasheet HTML 4Page - Harris Corporation LM555CN Datasheet HTML 5Page - Harris Corporation LM555CN Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
FIGURE 11. OUTPUT VOLTAGE LOW STATE vs SINK
CURRENT
FIGURE 12. OUTPUT VOLTAGE LOW STATE vs SINK
CURRENT
FIGURE 13. DELAY TIME vs SUPPLY VOLTAGE
FIGURE 14. DELAY TIME vs TEMPERATURE
NOTE: Where x is the decimal multiplier of the supply voltage.
FIGURE 15. PROPAGATION DELAY TIME vs TRIGGER VOLTAGE
Typical Performance Curves (Continued)
SINK CURRENT (mA)
100
10
1
10.0
1.0
0.1
0.01
25oC
125oC
V+ = 10V
125oC
25oC
TA = -55
oC
SINK CURRENT (mA)
100
10
1
10.0
1.0
0.1
0.01
-55oC
V+ = 15V
125oC
25oC
TA = -55
oC
SUPPLY VOLTAGE (V)
15
12.5
10
7.5
5
2.5
0
1.100
1.000
0.990
0.980
TA = 25
oC
17.5
TEMPERATURE (oC)
100
75
50
25
0
-25
-75
1.005
0.995
0.985
125
-50
MINIMUM TRIGGER (PULSE) VOLTAGE (x V+) (NOTE)
0.4
0.3
0.2
0.1
0
150
100
50
TA = -55
oC
0oC
200
250
300
25oC
125oC
70oC
CA555, CA555C, LM555C


Similar Part No. - LM555CN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM555CN NSC-LM555CN Datasheet
822Kb / 12P
   Timer
logo
Fairchild Semiconductor
LM555CN FAIRCHILD-LM555CN Datasheet
150Kb / 14P
   Single Timer
logo
Intersil Corporation
LM555CN INTERSIL-LM555CN Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
LM555CN HARRIS-LM555CN Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Texas Instruments
LM555CN TI-LM555CN Datasheet
1Mb / 21P
[Old version datasheet]   Timing from Microseconds through Hours
More results

Similar Description - LM555CN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA555 INTERSIL-CA555 Datasheet
84Kb / 6P
   Timers for Timing Delays and Oscillator Applications in Commercial, Industrial and Military Equipment
December 1999
logo
Harris Corporation
CA0555 HARRIS-CA0555 Datasheet
79Kb / 6P
   Timers for Timing Delays and Oscillator Application in Commercial, Industrial and Military Equipment
logo
Intersil Corporation
CA3020 INTERSIL-CA3020_00 Datasheet
789Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
CA3020 INTERSIL-CA3020 Datasheet
112Kb / 9P
   8MHz Power Amps For Military, Industrial and Commercial Equipment
April 1997
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com