Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3126M1 Datasheet(PDF) 8 Page - Harris Corporation

Part # CA3126M1
Description  TV Chroma Processor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3126M1 Datasheet(HTML) 8 Page - Harris Corporation

  CA3126M1 Datasheet HTML 1Page - Harris Corporation CA3126M1 Datasheet HTML 2Page - Harris Corporation CA3126M1 Datasheet HTML 3Page - Harris Corporation CA3126M1 Datasheet HTML 4Page - Harris Corporation CA3126M1 Datasheet HTML 5Page - Harris Corporation CA3126M1 Datasheet HTML 6Page - Harris Corporation CA3126M1 Datasheet HTML 7Page - Harris Corporation CA3126M1 Datasheet HTML 8Page - Harris Corporation CA3126M1 Datasheet HTML 9Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8-40
curve of the typical static phase error as a function of the free-
running oscillator frequency is shown in Figure 2. It should be
noted that the slope of the curve determines the DC gain of the
phase-locked loop, i.e., 40Hz per degree.
Thermal Considerations
The circuit of the CA3126 is thermally compensated to achieve
the optimal operating characteristics over the normal operating
temperature range of TV receivers. Figures 3 and 4 show the
oscillator and chroma-output amplitudes and phases as a func-
tion of temperature (Terminals 8 and 15), respectively.
Both the oscillator and chroma-output amplitudes and
phases are measured relative to the chroma-input phase.
The performance of the oscillator free-running frequency as
a function of temperature is shown in Figure 5. All the tem-
perature plots are characteristic of the test circuit with the
indicated component types and values given.
OSCILLATOR FREE-RUNNING FREQUENCY
300
-300
-200
-100
0
100
200
TA = 25
oC
6
400
(DEVIATION IN Hz FROM 3.579545MHz)
4
2
0
-2
-4
FIGURE 2. STATIC PHASE ERROR
TEMPERATURE (oC)
PHASE
AMPLITUDE
100
-50
-25
0
25
50
75
60
70
80
90
100
110
CHROMA INPUT = 0.25VP-P, 3.58MHz CW SIGNAL
-10
-5
0
FIGURE 3. AMPLITUDE AND PHASE VARIATIONS OF
OSCILLATOR OUTPUT vs TEMPERATURE
TEMPERATURE (oC)
PHASE
AMPLITUDE
100
-50
-25
0
25
50
75
80
90
100
110
120
130
CHROMA INPUT = 0.25VP-P,
-10
5
10
15
0
-5
-15
140
3.58MHz CW SIGNAL
FIGURE 4. AMPLITUDE AND PHASE VARIATIONS OF
CHROMA OUTPUT vs TEMPERATURE
TEMPERATURE (oC)
125
-50
-25
0
25
50
75
-150
-100
-50
0
50
100
100
CHROMA INPUT = 0VP-P
FIGURE 5. VARIATION OF OSCILLATOR FREE RUNNING
FREQUENCY vs TEMPERATURE
CA3126


Similar Part No. - CA3126M1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3126M1 INTERSIL-CA3126M1 Datasheet
112Kb / 9P
   TV Chroma Processor
May 1999
More results

Similar Description - CA3126M1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3126 INTERSIL-CA3126 Datasheet
112Kb / 9P
   TV Chroma Processor
May 1999
logo
NTE Electronics
NTE797 NTE-NTE797 Datasheet
78Kb / 3P
   Integrated Circuit TV Chroma Processor
NTE1200 NTE-NTE1200 Datasheet
24Kb / 2P
   Integrated Circuit Color TV Chroma Processor
logo
Intersil Corporation
CA3217 INTERSIL-CA3217 Datasheet
339Kb / 9P
   Single Chip TV Chroma/Luminance Processor
logo
NTE Electronics
NTE1296 NTE-NTE1296 Datasheet
81Kb / 2P
   Integrated Circuit TV Chroma Processor/Demodulator
NTE844 NTE-NTE844 Datasheet
21Kb / 3P
   Integrated Circuit Single Chip TV Chroma/Luminance Processor
logo
Toshiba Semiconductor
TA8801AN TOSHIBA-TA8801AN_01 Datasheet
1Mb / 36P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
logo
List of Unclassifed Man...
ULX-2220A ETC1-ULX-2220A Datasheet
74Kb / 1P
   CHROMA PROCESSOR FOR USE IN PAL COLOR TV RECEIVERS
logo
Toshiba Semiconductor
TA8801AN TOSHIBA-TA8801AN Datasheet
1Mb / 35P
   VIDEO/CHROMA/DEFLECTION PROCESSOR IC FOR NTSC COLOR TV
logo
Motorola, Inc
MC13017 MOTOROLA-MC13017 Datasheet
84Kb / 4P
   NTSC/PAL CHROMA 10 COLOR TV and TIMEBASE PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com