Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3100E Datasheet(PDF) 5 Page - Harris Corporation

Part # CA3100E
Description  38MHz, Operational Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3100E Datasheet(HTML) 5 Page - Harris Corporation

  CA3100E Datasheet HTML 1Page - Harris Corporation CA3100E Datasheet HTML 2Page - Harris Corporation CA3100E Datasheet HTML 3Page - Harris Corporation CA3100E Datasheet HTML 4Page - Harris Corporation CA3100E Datasheet HTML 5Page - Harris Corporation CA3100E Datasheet HTML 6Page - Harris Corporation CA3100E Datasheet HTML 7Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3-5
Typical Applications
FIGURE 7. 20dB VIDEO AMPLIFIER
FIGURE 8. 20dB VIDEO LINE DRIVER
FIGURE 9. FAST POSITIVE PEAK DETECTOR
FIGURE 10. 1MHz METER-DRIVER AMPLIFIER
Typical Performance Curves
FIGURE 11. OPEN LOOP GAIN, OPEN LOOP PHASE SHIFT vs
FREQUENCY
FIGURE 12. OPEN LOOP GAIN vs FREQUENCY
2
+
-
CA3100
3k
-15V
6
4
3
+15V
7
INPUT
0.33
µF
0.1
µF
OUTPUT
2k
220
3pF
0.1
µF
-3dB BANDWIDTH
20MHz
TOTAL INPUT NOISE
VOLTAGE REFERRED TO
INPUT
35µV
RMS
2
+
-
CA3100
-15V
0.1
µF
OUTPUT TO
3
6
4
7
+15V
3pF
220
3k
0.33
µF
INPUT
4.7
2N5320
2N5322
TERMINATED
50
Ω TRANS-
MISSION LINE
k
220
2k
0.1
µF
1N5393
10
10
DELIVERS FOLLOWING
PEAK VOLTAGES TO
50
Ω LINE:
FREQ
1MHz
2MHz
4MHz
6MHz
VO
8V
5V
2V
1V
GAIN = 20dB
3dB BANDWIDTH = 15MHz
ACL = 20dB
2
+
-
CA3100
0.1
µF
7
4
6
3
VI(AC)
3k
1.2k
-15V
+15V
1000pF
1N914
2N2102
VO (DC) =
+VI PEAK
0.1
µF
2
+
-
CA3100
8
4
6
3
+15V
1mA
1N914
0.1
µF
1
7
FULL
SCALE
-15V
250
Ω POT.
330
FULL SCALE
CALIBRATION
ADJUST
TEST
LEADS
INPUT
IMPEDANCE
50kΩ
51k
20k
ZERO ADJ
200
10pF
1VRMS
51k
+
-
0.1
µF
FULL SCALE
DC
METER
12pF
24pF
12pF
CC = 24pF
12pF
TA = 25
oC
VS = ±15V
RL = 2kΩ
CL = 20pF
0pF
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
10
100
FREQUENCY (MHz)
-270
-225
-180
-135
-90
-45
0
80
|AOL|
0pF
θ
0pF
CC = 24pF
VS = ±15V
RL = 2kΩ
CC = 0
25oC
125oC
TA = -55
oC
0.001
0.01
0.1
1
10
100
FREQUENCY (MHz)
70
60
50
40
30
20
10
0
CA3100


Similar Part No. - CA3100E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3100E INTERSIL-CA3100E Datasheet
128Kb / 7P
   38MHz, Operational Amplifier
January 1999
logo
ITT Industries
CA3100E20-27PWF80 ITT-CA3100E20-27PWF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
CA3100E20-27PXF80 ITT-CA3100E20-27PXF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
CA3100E20-27PYF80 ITT-CA3100E20-27PYF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
CA3100E20-27PZF80 ITT-CA3100E20-27PZF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
More results

Similar Description - CA3100E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3100 INTERSIL-CA3100 Datasheet
128Kb / 7P
   38MHz, Operational Amplifier
January 1999
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com