Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3102E Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA3102E
Description  Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3102E Datasheet(HTML) 4 Page - Intersil Corporation

  CA3102E Datasheet HTML 1Page - Intersil Corporation CA3102E Datasheet HTML 2Page - Intersil Corporation CA3102E Datasheet HTML 3Page - Intersil Corporation CA3102E Datasheet HTML 4Page - Intersil Corporation CA3102E Datasheet HTML 5Page - Intersil Corporation CA3102E Datasheet HTML 6Page - Intersil Corporation CA3102E Datasheet HTML 7Page - Intersil Corporation CA3102E Datasheet HTML 8Page - Intersil Corporation CA3102E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Test Circuits
FIGURE 1. DC CHARACTERISTICS TEST CIRCUIT FOR CA3102
FIGURE 2. AGC RANGE AND VOLTAGE GAIN TEST CIRCUIT
FOR CA3102
FIGURE 3. 200MHz CASCODE POWER GAIN AND NOISE FIGURE TEST CIRCUIT
M
M
M
I3 or I9
VX
V- (-6V)
V+ (+6V)
1k
1k
S2
S1
S1
S2
1k
+1V
-1V
VO
4
-6V
+6V
100
(11)
13
(6)
14
(7)
VOUT
1k
Q1
(Q5)
Q2
(Q6)
1
10
µF
VIN
100
(8)
2
BIAS
VOLTAGE
3
500
(10)
(9)
5
12
Q3 (Q4)
Q1
(Q5)
Q2
(Q6)
0.005
µF
1(8)
14(7)
SUBSTRATE
5(12)
Q3 (Q4)
3 (9)
2 (10)
4 (11)
13 (6)
C1
0.001
µF
2k
5.6pF
1k
L1
5
µF
INPUT
RG = 50Ω
MA
0.001
µF
100pF
5k
+12V
100
6V
2+
0.001
µF
FERRITE
BEADS
5pF
0.001
µF
13k
C2
100pF
100pF
OUTPUT
RL = 50Ω
L2
0.001
µF
0.001
µF
2.7pF
10k
1/2 CA3102
NOTES:
5. Numbers in parentheses refer to the other
half of the CA3102.
6. L1, L2 - Approximately
1/
2 Turn #18 Tinned
Copper Wire, 5/8” Diameter.
7. C1, C2 - 15pF Variable Capacitors
(Hammarlund, MAC-15; or Equivalent).
470pF
CA3102


Similar Part No. - CA3102E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3102E INTERSIL-CA3102E Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
logo
Renesas Technology Corp
CA3102E RENESAS-CA3102E Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
ITT Industries
CA3102E10SL4PB ITT-CA3102E10SL4PB Datasheet
205Kb / 1P
   Box mounting receptacle
CA3102E14S-2PBA232 ITT-CA3102E14S-2PBA232 Datasheet
204Kb / 1P
   Box mounting receptacle Solder Cup / Pin / Layout: 14S-2
CA3102E20-27PWF80 ITT-CA3102E20-27PWF80 Datasheet
634Kb / 15P
   MIL-C-5015 Connectors
More results

Similar Description - CA3102E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3102 INTERSIL-CA3102 Datasheet
115Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
November 1999
logo
Renesas Technology Corp
CA3102 RENESAS-CA3102 Datasheet
568Kb / 11P
   Dual High Frequency Differential Amplifier For Low Power Applications Up to 500MHz
logo
Sanyo Semicon Device
FH105 SANYO-FH105 Datasheet
63Kb / 5P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH104 SANYO-FH104 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH105A SANYO-FH105A_12 Datasheet
484Kb / 8P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
FH103 SANYO-FH103 Datasheet
49Kb / 4P
   High-Frequency Low-Noise Amplifier, Differential Amplifier Applications
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
2SA1362-GR TOSHIBA-2SA1362-GR Datasheet
192Kb / 4P
   Low Frequency Power Amplifier Applications
logo
Sanyo Semicon Device
2SB1122S-TD-E SANYO-2SB1122S-TD-E Datasheet
94Kb / 5P
   Low-Frequency Power Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com