Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

B59935 Datasheet(PDF) 4 Page - EPCOS

Part No. B59935
Description  Overcurrent Protection Leaded Disks, Coated
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B59935 Datasheet(HTML) 4 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
54
10/02
Characteristics (typical)
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
PTC current IPTC versus PTC voltage VPTC
(measured at 25
°C in still air)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Rated current IN versus ambient temperature TA
(measured in still air)
50
PTC
R
PTC
T
TPT0712-9
0
50
100
150
200
˚C 300
_
B59965C0160A070
B59985C0160A070
B59995C0160A070
10 0
10 1
10 2
10 3
10 4
10 5
10 6
B59975C0160A070
0,1
PTC
I
PTC
V
TPT0714-Q
mA
B59965C0160A070
B59975C0160A070
B59985C0160A070
10 1
10 2
110
100
V
10 3
B59995C0160A070
0
S
t
S
I
TPT0713-H
B59965C0160A070
B59975C0160A070
B59985C0160A070
10
_1
10 0
10 1
2
10
10 3
s
2
46
A 8
B59995C0160A070
20
A
T
TPT0727-M
0_
0
20 40 60 80 100 120
˚C 160
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
2,0
N, 25 ˚C
I
IN, T
A
B599*5
C 935 … C 995
Leaded Disks, Coated, 12 V
Overcurrent Protection


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn