Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B59585 Datasheet(PDF) 3 Page - EPCOS

Part No. B59585
Description  Overcurrent Protection Leaded Disk, Uncoated, 12 V
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B59585 Datasheet(HTML) 3 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
50
10/02
Characteristics (typical)
PTC resistance RPTC versus
PTC temperature TPTC
(measured at low signal voltage)
PTC current IPTC versus PTC voltage VPTC
(measured at 25
°C in still air)
Switching time tS versus switching current IS
(measured at 25
°C in still air)
Rated current IN versus ambient temperature TA
(measured in still air)
0
PTC
R
PTC
T
TPT0786-M
Ω B59585B1150A070
50
100
150
200
250
˚C 350
0
10
1
10
2
10
3
10
1
10
_
PTC
I
PTC
V
TPT0774-Y
mA
10 2
V
10 0
10 1
20
1
10
_
10 3
2000
B59585B1150A070
0
S
t
S
I
TPT0773-Q
A
10
_1
10 0
s
12
3
4
5
6
10 1
10 2
B59585B1150A070
Ι
N, 25 ˚C
Ι
T
N, A
A
T
0
TPT0772-H
˚C
_20 0 20 40 60 80 100
140
0,2
0,4
0,6
0,8
1,0
1,4
B59585B1150A070
B59585
B 1585
Leaded Disk, Uncoated, 12 V
Overcurrent Protection


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn