Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3082M Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA3082M
Description  General Purpose High Current NPN Transistor Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3082M Datasheet(HTML) 1 Page - Intersil Corporation

  CA3082M Datasheet HTML 1Page - Intersil Corporation CA3082M Datasheet HTML 2Page - Intersil Corporation CA3082M Datasheet HTML 3Page - Intersil Corporation CA3082M Datasheet HTML 4Page - Intersil Corporation CA3082M Datasheet HTML 5Page - Intersil Corporation CA3082M Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
®
CA3081, CA3082
General Purpose High Current NPN
Transistor Arrays
CA3081 and CA3082 consist of seven high current (to
100mA) silicon NPN transistors on a common monolithic
substrate. The CA3081 is connected in a common emitter
configuration and the CA3082 is connected in a common
collector configuration.
The CA3081 and CA3082 are capable of directly driving
seven segment displays, and light emitting diode (LED)
displays. These types are also well suited for a variety of
other drive applications, including relay control and thyristor
firing.
Features
• CA3081 - Common Emitter Array
• CA3082 - Common Collector Array
• Directly Drive Seven Segment Incandescent Displays and
Light Emitting Diode (LED) Display
• 7 Transistors Permit a Wide Range of Applications in
Either a Common Emitter (CA3081) or Common Collector
(CA3082) Configuration
•High IC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA (Max)
• Low VCESAT (at 50mA) . . . . . . . . . . . . . . . . . . 0.4V (Typ)
Applications
•Drivers for
- Incandescent Display Devices
- LED Displays
• Relay Control
• Thyristor Firing
Pinouts
Part Number Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3081
-55 to 125
16 Ld PDIP
E16.3
CA3081F
-55 to 125
16 Ld CERDIP
F16.3
CA3081M
(3081)
-55 to 125
16 Ld SOIC
M16.15
CA3082
-55 to 125
16 Ld PDIP
E16.3
CA3082M
(3082)
-55 to 125
16 Ld SOIC
M16.15
CA3082M96
(3082)
-55 to 125
16 Ld SOIC Tape
and Reel
M16.15
CA3081
COMMON EMITTER CONFIGURATION
(PDIP, CERDIP, SOIC)
TOP VIEW
CA3082
COMMON COLLECTOR CONFIGURATION
(PDIP, SOIC)
TOP VIEW
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
SUBSTRATE
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
SUBSTRATE
Data Sheet
May 2001
File Number
480.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
FOR A
POSS
IBLE
SUBS
TITUT
E PRO
DUCT
conta
ct our
Techn
ical S
uppor
t Cent
er at
1-888-
INTER
SIL or
www.
inters
il.com
/tsc
OBSO
LETE
PROD
UCT


Similar Part No. - CA3082M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3082M INTERSIL-CA3082M Datasheet
66Kb / 6P
   General Purpose High Current NPN Transistor Arrays
November 1999
logo
Rochester Electronics
CA3082M ROCHESTER-CA3082M Datasheet
607Kb / 1P
   HIGH CURRENT NPN TRANSISTOR for general purpose applications BJT Array
logo
Intersil Corporation
CA3082M96 INTERSIL-CA3082M96 Datasheet
66Kb / 6P
   General Purpose High Current NPN Transistor Arrays
November 1999
More results

Similar Description - CA3082M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
   General Purpose High Current NPN Transistor Arrays
November 1999
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
logo
GE Solid State
CA3018 GESS-CA3018 Datasheet
274Kb / 6P
   GENERAL PURPOSE TRANSISTOR ARRAYS
logo
Harris Corporation
CA3018 HARRIS-CA3018 Datasheet
48Kb / 6P
   General Purpose Transistor Arrays
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Intersil Corporation
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
   General Purpose High Current NPN Transistor Array
September 1998
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Seme LAB
BFX34 SEME-LAB-BFX34 Datasheet
21Kb / 2P
   HIGH CURRENT GENERAL PURPOSE TRANSISTOR
logo
TT Electronics.
BFX34 TTELEC-BFX34 Datasheet
80Kb / 3P
   HIGH CURRENT GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com