Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HEF4023B Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. HEF4023B
Description  Triple 3-input NAND gate
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HEF4023B Datasheet(HTML) 3 Page - NXP Semiconductors

  HEF4023B Datasheet HTML 1Page - NXP Semiconductors HEF4023B Datasheet HTML 2Page - NXP Semiconductors HEF4023B Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
January 1995
3
Philips Semiconductors
Product specification
Triple 3-input NAND gate
HEF4023B
gates
AC CHARACTERISTICS
VSS = 0 V; Tamb =25 °C; CL = 50 pF; input transition times ≤ 20 ns
VDD
V
SYMBOL
TYP.
MAX.
TYPICAL EXTRAPOLATION
FORMULA
Propagation delays
In → On
5
65
135
ns
38 ns
+ (0,55 ns/pF) CL
HIGH to LOW
10
tPHL
25
50
ns
14 ns
+ (0,23 ns/pF) CL
15
15
30
ns
7 ns
+ (0,16 ns/pF) CL
5
65
130
ns
38 ns
+ (0,55 ns/pF) CL
LOW to HIGH
10
tPLH
30
60
ns
19 ns
+ (0,23 ns/pF) CL
15
25
45
ns
17 ns
+ (0,16 ns/pF) CL
Output transition times
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
HIGH to LOW
10
tTHL
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
5
60
120
ns
10 ns
+ (1,0 ns/pF) CL
LOW to HIGH
10
tTLH
30
60
ns
9 ns
+ (0,42 ns/pF) CL
15
20
40
ns
6 ns
+ (0,28 ns/pF) CL
VDD
V
TYPICAL FORMULA FOR P (
µW)
Dynamic power
5
1200 fi +∑ (foCL) × VDD2
where
dissipation per
10
5500 fi +∑ (foCL) × VDD2
fi = input freq. (MHz)
package (P)
15
16 400 fi +∑ (foCL) × VDD2
fo = output freq. (MHz)
CL = load capacitance (pF)
∑ (foCL) = sum of outputs
VDD = supply voltage (V)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVT103.3V Triple 3-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
M74HC10TRIPLE 3-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
TC74VHC10FTRIPLE 3-INPUT NAND GATE 1 2 3 4 5 Toshiba Semiconductor
74LCX10Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs 1 2 3 4 5 MoreFairchild Semiconductor
74HC10ETRIPLE 3-INPUT NAND GATE 1 2 3 4 Integral Corp.
54ACTQ10Quiet Series Triple 3-Input NAND Gate 1 2 3 4 5 National Semiconductor (TI)
SN54LS10TRIPLE 3-INPUT NAND GATE 1 2 3 4 Motorola, Inc
54F10DMTriple 3-Input NAND Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
74F10Triple 3-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
IN74HC10ATriple 3-Input NAND Gate High-Performance Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn