Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B45196E Datasheet(PDF) 2 Page - EPCOS

Part # B45196E
Description  Tantalum Chip Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B45196E Datasheet(HTML) 2 Page - EPCOS

  B45196E Datasheet HTML 1Page - EPCOS B45196E Datasheet HTML 2Page - EPCOS B45196E Datasheet HTML 3Page - EPCOS B45196E Datasheet HTML 4Page - EPCOS B45196E Datasheet HTML 5Page - EPCOS B45196E Datasheet HTML 6Page - EPCOS B45196E Datasheet HTML 7Page - EPCOS B45196E Datasheet HTML 8Page - EPCOS B45196E Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
37
10/02
Tantalum Chip Capacitors
Standard
Specifications and characteristics in brief
For characteristic curves see “General Technical Information”, page 107 ff.
Standard
Series
B45196E
B45198E
Technology
Ta-MnO2
Ta-MnO2
Terminals
Tinned
Gold-plated
Rated voltage VR (up to 85 °C)
4 … 50 Vdc
Rated capacitance CR
0,10 … 100
µF
Capacitance tolerance
±10%, ± 20%
± 5% (on request)
Operating temperature
– 55 … + 125
°C
Failure rate
At 40 °C;
≤ V
R, RS ≥ 3 Ω/V (1 fit = 1
. 10-9 failures/h)
CR · VR ≤ 330 µF · V
≤ 3 fit
CR · VR > 330 µF · V
≤ 10 fit
Service life
> 500 000 h
Leakage current
(VR, 5 min, 20 °C)
10 nA/
µC
Detail specification
(tinned terminals)
CECC 30801-801
IEC climatic category
To IEC 60068-1
55/125/56 (– 55 /+ 125
°C; 56 days damp heat test)
B45196E, B45198E


Similar Part No. - B45196E

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
B45196E KEMET-B45196E Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196E KEMET-B45196E Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
B45196E KEMET-B45196E Datasheet
723Kb / 20P
   Tantalum Chip Capacitors Standard / HighCap
B45196E-H KEMET-B45196E-H Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
B45196E-H KEMET-B45196E-H Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
More results

Similar Description - B45196E

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com