Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2084-V143 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2084-V143
Description  SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2084-V143 Datasheet(HTML) 12 Page - Texas Instruments

Back Button BQ2084-V143 Datasheet HTML 8Page - Texas Instruments BQ2084-V143 Datasheet HTML 9Page - Texas Instruments BQ2084-V143 Datasheet HTML 10Page - Texas Instruments BQ2084-V143 Datasheet HTML 11Page - Texas Instruments BQ2084-V143 Datasheet HTML 12Page - Texas Instruments BQ2084-V143 Datasheet HTML 13Page - Texas Instruments BQ2084-V143 Datasheet HTML 14Page - Texas Instruments BQ2084-V143 Datasheet HTML 15Page - Texas Instruments BQ2084-V143 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
www.ti.com
EDV Thresholds and Near-Full Programming
EDV Discharge Rate and Temperature Compensation Programming
bq2084-V143
SLUS732 – SEPTEMBER 2006
bq2084-V143 computes the EDV0, EDV1, and EDV2 voltage thresholds based on the values in DF 0x95-0xa0
and the battery's current discharge rate and temperature. If FEDV0 in Gauge Configuration is also set then
EDV0 is not compensated. The bq2084-V143 disables EDV detection if Current( ) exceeds the Overload Current
threshold programmed in DF 0x5b-DF 0x5c. The bq2084-V143 resumes EDV threshold detection after Current( )
drops below the Overload Current threshold. Any EDV threshold detected is reset after charge is detected and
VDQ is cleared after 10 mAh of charge.
The bq2084-V143 uses the EDV thresholds to apply voltage-based corrections to the RM register according to
Table 2.
Table 2. State-of-Charge Based on Low Battery Voltage
THRESHOLD
RELATIVE STATE OF CHARGE
EDV0
0%
EDV1
3%
EDV2
Battery Low %
The bq2084-V143 performs EDV-based RM adjustments with Current()
≤ C/32. No EDV flags are set if current <
C/32.
The bq2084-V143 adjusts RM as it detects each threshold. If the voltage threshold is reached before the
corresponding capacity on discharge, the bq2084-V143 reduces RM to the appropriate amount as shown in
Table 2.
If an RM % level is reached on discharge before the voltage reaches the corresponding threshold, then RM is
held at that % level until the threshold is reached. RM is only held if VDQ = 1, indicating a valid learning cycle is
in progress. If Battery Low % is set to zero, EDV1 and EDV0 corrections are disabled.
The bq2084-V143 uses the values stored in data flash for the EDV0, EDV1, and EDV2 values or calculates the
three thresholds from a base value and the temperature, capacity, and rate adjustment factors stored in data
flash. If EDV compensation is disabled, then EDV0, EDV1, and EDV2 are stored directly in mV in DF 0x95-0x96,
DF 0x97-0x98, and DF 0x99-0x9a, respectively.
For capacity correction at EDV2, Battery Low % DF 0x2f can be set at a desired state-of-charge,
STATEOFCHARGE%, in the range of 3-19%. Typical values for STATEOFCHARGE% are 5-7%, representing
5-7% capacity.
Battery Low % = (STATEOFCHARGE% x 2.56)
The bq2084-V143 updates FCC if a qualified discharge occurs from a near-full threshold of FCC - Near Full,
until EDV2 condition is reached. The desired near-full threshold window is programmed in Near Full in DF 0x30,
0x31 in mAh.
If EDV compensation is enabled, the bq2084-V143 calculates battery voltage to determine EDV0, EDV1, and
EDV2 thresholds as a function of battery capacity, temperature, and discharge load. The general equation for
EDV0, EDV1, and EDV2 calculation is
EDV0,1,2 = n (EMF
× FBL – | ILOAD | × R0 × FTZ)
EMF is a no-load cell voltage higher than the highest cell EDV threshold computed. EMF is programmed
in mV in EMF/EDV1 DF 0x95-0x96.
ILOAD is the current discharge load magnitude.
n = the number of series cells
FBL is the factor that adjusts the EDV voltage for battery capacity and temperature to match the no-load
characteristics of the battery.
FBL = f ( C0, C + C1, T )
12
Submit Documentation Feedback


Similar Part No. - BQ2084-V143

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results

Similar Description - BQ2084-V143

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V133 TI-BQ2084-V133 Datasheet
967Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V143 TI-BQ2084-V143_07 Datasheet
1Mb / 71P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com