Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

B45194 Datasheet(PDF) 6 Page - EPCOS

Part No. B45194
Description  Tantalum Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B45194 Datasheet(HTML) 6 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
34
10/02
Tantalum Chip Capacitors
Low Profile; Hmax = 2 mm; Standard and Low ESR
Technical data and ordering codes for B45194E
VR
up to 85 °C
(up to 125°C)
Vdc
CR
µF
Case
size
tan
δmax
(20 °C,
120 Hz)
Ilk, max
(20 °C,VR,
5 min)
µA
Zmax
(20 °C,
100 kHz)
Ordering code 1)
6,3
(4,0)
47
V
0,06
3,0
0,7
B45194E1476+40*
68
V
0,06
4,3
0,7
B45194E1686+40*
100
V
0,08
6,3
0,7
B45194E1107+40*
150
V
0,08
9,5
0,7
B45194E1157+40*
220
V
0,08
14
0,7
B45194E1227+40*
330
V
0,08
21
0,7
B45194E1337+40*
470
V
0,15
30
0,7
B45194E1477+40*
10
(6,3)
47
V
0,06
4,7
0,7
B45194E2476+40*
68
V
0,06
6,8
0,7
B45194E2686+40*
100
V
0,08
10
0,7
B45194E2107+40*
150
V
0,08
15
0,7
B45194E2157+40*
220
V
0,08
22
0,7
B45194E2227+40*
330
V
0,12
33
0,7
B45194E2337+40*
16
(10)
47
V
0,06
7,5
0,7
B45194E3476+40*
68
V
0,06
11
0,8
B45194E3686+40*
100
V
0,08
16
0,8
B45194E3107+40*
20
(13)
22
V
0,06
4,4
0,8
B45194E4226+40*
33
V
0,06
6,6
0,8
B45194E4336+40*
25
(16)
15
V
0,06
3,8
1,0
B45194E5156+40*
22
V
0,06
5,5
0,8
B45194E5226+40*
35
(23)
6,8
V
0,06
2,4
1,2
B45194E6685+40*
10
V
0,06
3,5
1,0
B45194E6106+40*
Upon request
1) + Code letter for required capacitance tolerance: M =
± 20 %, K = ± 10 % (J = ± 5 % upon request)
* Code number for required reel diameter: 9 = 180 mm, 6 = 330 mm
B45194


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
594DSolid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated Maximum CV Low ESR 1 2 3 4 5 MoreVishay Siliconix
B45192Tantalum Chip Capacitors 1 2 3 4 5 MoreEPCOS
595DSolid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated Maximum CV 1 2 3 4 5 MoreVishay Siliconix
SAFTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAHTantalum Capacitors 1 2 Sharma Electro Components,Inc
SALTantalum Capacitors 1 2 Sharma Electro Components,Inc
TDA335K06CBTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAJTantalum Capacitors 1 2 3 Sharma Electro Components,Inc
MTPHWet Tantalum Capacitors 1 2 Vishay Siliconix
MKTD06Film Capacitors 1 2 Sharma Electro Components,Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn