Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

B45194 Datasheet(PDF) 5 Page - EPCOS

Part No. B45194
Description  Tantalum Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B45194 Datasheet(HTML) 5 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
33
10/02
Tantalum Chip Capacitors
Low Profile; Hmax = 2 mm; Standard and Low ESR
Overview of available types
Standard
Low ESR
Series
B45194E
B45194R
VR (Vdc)
up to 85
°C
6,3
10
16
20
25
35
6,3
10
16
20
CR (µF)
6,8
V
10
V
15
V
22
V
V
V
33
V
V
V
47
V
V
V
V
V
68
V
V
V
V
V
100
V
V
VV
V
V
150
V
V
V
V
220
V
V
V
V
330
V
VV
V
470
V
V
Upon request
B45194


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
594DSolid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated Maximum CV Low ESR 1 2 3 4 5 MoreVishay Siliconix
B45192Tantalum Chip Capacitors 1 2 3 4 5 MoreEPCOS
595DSolid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated Maximum CV 1 2 3 4 5 MoreVishay Siliconix
SAFTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAHTantalum Capacitors 1 2 Sharma Electro Components,Inc
SALTantalum Capacitors 1 2 Sharma Electro Components,Inc
TDA335K06CBTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAJTantalum Capacitors 1 2 3 Sharma Electro Components,Inc
MTPHWet Tantalum Capacitors 1 2 Vishay Siliconix
MKTD06Film Capacitors 1 2 Sharma Electro Components,Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn