Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

B45194 Datasheet(PDF) 3 Page - EPCOS

Part No. B45194
Description  Tantalum Chip Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EPCOS [EPCOS]
Homepage  http://www.epcos.com
Logo 

B45194 Datasheet(HTML) 3 Page - EPCOS

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
31
10/02
Tantalum Chip Capacitors
Low Profile; Hmax = 2 mm; Standard and Low ESR
Dimensional drawing
Case size
Dimensions in mm (inches)
LW
H
L2 typ.
W2 ± 0,1
±(,004)
H2 typ.
p
± 0,3
±(,012)
V (40)
7,3
± 0,3
(,287
±,012)
4,3
± 0,3
(,169
±,012)
2,0 max
(,079 max)
7,1
(,280)
2,4
(,094)
1,1
(,043)
1,3
(,051)
KTA0209-E
PP
L
L 2
Marking
Positive pole marking
1
2
W
Positive pole marking
Encapsulation: molded epoxy resin
NiFe; tinned surface Sn100
B45194


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
594DSolid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated Maximum CV Low ESR 1 2 3 4 5 MoreVishay Siliconix
B45192Tantalum Chip Capacitors 1 2 3 4 5 MoreEPCOS
595DSolid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated Maximum CV 1 2 3 4 5 MoreVishay Siliconix
SAFTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAHTantalum Capacitors 1 2 Sharma Electro Components,Inc
SALTantalum Capacitors 1 2 Sharma Electro Components,Inc
TDA335K06CBTantalum Capacitors 1 2 Sharma Electro Components,Inc
SAJTantalum Capacitors 1 2 3 Sharma Electro Components,Inc
MTPHWet Tantalum Capacitors 1 2 Vishay Siliconix
MKTD06Film Capacitors 1 2 Sharma Electro Components,Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn