Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LL4148 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. LL4148
Description  Small Signal Diode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LL4148 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LL4148 Datasheet HTML 1Page - Fairchild Semiconductor LL4148 Datasheet HTML 2Page - Fairchild Semiconductor LL4148 Datasheet HTML 3Page - Fairchild Semiconductor LL4148 Datasheet HTML 4Page - Fairchild Semiconductor LL4148 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.2.0
2
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Max.
Units
VR
Breakdown Voltage
IR = 100 μA100
V
IR = 5.0 μA75
V
VF
Forward Voltage
IF = 10 mA
1.0
V
IR
Reverse Leakage
VR = 20 V
25
nA
VR = 20 V, TA = 150°C50
μA
CT
Total Capacitance
VR = 0, f = 1.0 MHz
4.0
pF
trr
Reverse Recovery Time
IF = 10 mA, VR = 6.0 V
(60 mA),
Irr = 1.0 mA, RL = 100 Ω
4.0
ns


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N456A_0412Small Signal Diode 1 2 Fairchild Semiconductor
1N459_0412Small Signal Diode 1 2 Fairchild Semiconductor
BAS19Small Signal Diode 1 2 Fairchild Semiconductor
BAS20Small Signal Diode 1 2 Fairchild Semiconductor
BAV99WT1GSmall Signal Diode 1 2 3 Fairchild Semiconductor
BAW62Small Signal Diode 1 2 Fairchild Semiconductor
FDLL914_07Small Signal Diode 1 2 3 4 Fairchild Semiconductor
FDLL914Small Signal Diode 1 2 3 4 Fairchild Semiconductor
BS170_05Small Signal MOSFET 500 mA 60 Volts N−Channel TO−92 TO−226 1 2 3 4 ON Semiconductor
MMBD1501Small Signal Diodes 1 2 3 4 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn