Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LL4148 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. LL4148
Description  Small Signal Diode
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LL4148 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  LL4148 Datasheet HTML 1Page - Fairchild Semiconductor LL4148 Datasheet HTML 2Page - Fairchild Semiconductor LL4148 Datasheet HTML 3Page - Fairchild Semiconductor LL4148 Datasheet HTML 4Page - Fairchild Semiconductor LL4148 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.2.0
3
Typical Performance Characteristics
Figure 1. Reverse Voltage vs Reverse Current
BV - 1.0 to 100
μA
Figure 2. Reverse Voltage vs Reverse Current
IR - 10 to 100 V
Figure 3. Forward Voltage vs Forward Current
VF - 1 to 100 μA
Figure 4. Forward Voltage vs Forward Current
VF - 0.1 to 10 mA
Figure 5. Forward Voltage vs Forward Current
VF - 10 to 800 mA
Figure 6. Forward Voltage vs Ambient Temperature
VF - 0.01 - 20 mA (-40 to +65 Deg C)
110
120
130
140
150
160
Ta=25
oC
1
2
3
5
10
20
30
50
100
Reverse Current, I
R [uA]
0
20
40
60
80
100
120
10
20
30
50
70
100
Ta= 25
oC
Reverse Voltage, V
R [V]
Reverse Voltage, VR [V]
250
300
350
400
450
500
550
1
2
3
5
10
20
30
50
100
Ta= 25
oC
Forward Current, I
F [uA]
450
500
550
600
650
700
750
0.1
0.2
0.3
0.5
1
2
3
5
10
Ta= 25
oC
Forward Current, I
F [mA]
0.6
0.8
1.0
1.2
1.4
1.6
10
20
30
50
100
200
300
500
800
Ta= 25
oC
Forward Current, I
F [mA]
0.01
0.1
1
10
300
400
500
600
700
800
900
3
0.3
0.03
Typical
Ta= -40
oC
Ta= 25
oC
Ta= +65
oC
Forward Current, I
F [mA]


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1N456A_0412Small Signal Diode 1 2 Fairchild Semiconductor
1N459_0412Small Signal Diode 1 2 Fairchild Semiconductor
BAS19Small Signal Diode 1 2 Fairchild Semiconductor
BAS20Small Signal Diode 1 2 Fairchild Semiconductor
BAV99WT1GSmall Signal Diode 1 2 3 Fairchild Semiconductor
BAW62Small Signal Diode 1 2 Fairchild Semiconductor
FDLL914_07Small Signal Diode 1 2 3 4 Fairchild Semiconductor
FDLL914Small Signal Diode 1 2 3 4 Fairchild Semiconductor
BS170_05Small Signal MOSFET 500 mA 60 Volts N−Channel TO−92 TO−226 1 2 3 4 ON Semiconductor
MMBD1501Small Signal Diodes 1 2 3 4 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn