Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N252 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 3N252
Description  Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

3N252 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  3N252 Datasheet HTML 1Page - Fairchild Semiconductor 3N252 Datasheet HTML 2Page - Fairchild Semiconductor 3N252 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KBP005M/3N246-KBP10M/3N252, Rev. C
2001 Fairchild Semiconductor Corporation
KBP005M/3N246 - KBP10M/3N252
Bridge Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Features
Surge overload rating: 50 amperes
peak.
Reliable low cost construction utilizing
molded plastic technique.
UL certified, UL #E111753.
Symbol
Parameter
Device
Units
V
F
Forward Voltage, per bridge @ 1.0 A
@ 3.14 A
1.0
1.3
V
V
IR
Reverse Current, total bridge @ rated V
R
T
A = 25°C
T
A = 100°C
5.0
500
µA
µA
I2t rating for fusing
t < 8.35 ms
10
A2s
CT
Total Capacitance, per leg
V
R = 4.0 V, f = 1.0 MHz
15
pF
Symbol
Parameter
Value
Units
P
D
Power Dissipation
3.5
W
RθJA
Thermal Resistance, Junction to Ambient,* per leg
40
°C/W
KBPM
+
~ ~
-
Value
Symbol
Parameter
005M
01M
02M
04M
06M
08M
10M
Units
246
247
248
249
250
251
252
VRRM
Maximum Repetitive Reverse Voltage
50
100
200
400
600
800
1000
V
V
RMS
Maximum RMS Bridge Input Voltage
35
70
140
280
420
560
700
V
V
R
DC Reverse Voltage
(Rated V
R)
50
100
200
400
600
800
1000
V
I
F(AV)
Average Rectified Forward Current,
@ T
A = 50°C
1.5
A
IFSM
Non-repetitive Peak Forward Surge Current
50
A
T
stg
Storage Temperature Range
-55 to +165
°C
T
J
Operating Junction Temperature
-55 to +165
°C
Thermal Characteristics
*Device mounted on PCB with 0.47 x 0.47" (12 x 12 mm).


Similar Part No. - 3N252

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
3N252 GE-3N252 Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE RECTIFIER BRIDGE
logo
Vishay Siliconix
3N252 VISHAY-3N252 Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
3N252 VISHAY-3N252 Datasheet
102Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
New Jersey Semi-Conduct...
3N252 NJSEMI-3N252 Datasheet
89Kb / 1P
   MINIATURE INTEGRAL DIODE ASSEMBLIES
logo
Central Semiconductor C...
3N252-M CENTRAL-3N252-M Datasheet
464Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - 3N252

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
   BRIDGE RECTIFIERS
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
   Bridge Rectifiers
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
   Bridge Rectifiers
logo
Fairchild Semiconductor
GBU8A FAIRCHILD-GBU8A_04 Datasheet
47Kb / 3P
   Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
   Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
   Bridge Rectifiers
logo
America Semiconductor, ...
GBU10G AMERICASEMI-GBU10G Datasheet
421Kb / 2P
   BRIDGE RECTIFIERS
KBJ410G AMERICASEMI-KBJ410G Datasheet
639Kb / 2P
   BRIDGE RECTIFIERS
GBU15M AMERICASEMI-GBU15M Datasheet
399Kb / 2P
   BRIDGE RECTIFIERS
GBU6M AMERICASEMI-GBU6M Datasheet
677Kb / 2P
   BRIDGE RECTIFIERS
GBU6G AMERICASEMI-GBU6G Datasheet
698Kb / 2P
   BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com