Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GC3021A Datasheet(PDF) 24 Page - Texas Instruments

Part No. GC3021A
Description  3.3V MIXER AND CARRIER REMOVAL CHIP
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

GC3021A Datasheet(HTML) 24 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Texas Instruments Incorporated
- 22 -
GC3021A 3.3V MIXER AND CARRIER REMOVAL CHIP
SLWS137A
This document contains information which may be changed at any time without notice
5.0
SPECIFICATIONS
5.1
ABSOLUTE MAXIMUM RATINGS
5.2
RECOMMENDED OPERATING CONDITIONS
5.3
THERMAL CHARACTERISTICS
Table 4: Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
-0.3
4.0
V
Input voltage (undershoot and overshoot)
VIN
-0.7
VCC+0.7
V
Storage Temperature
TSTG
-65
150
°C
Lead Soldering Temperature (10 seconds)
300
°C
Clock Rate
FCK
1KHz
1
Notes:
1. Below 1 KHz the clock loss detect circuit may power down the chip. If the clock loss detect circuit is
disabled (address 1, bits 14 and 15) and the clock is stopped, the chip may draw up to one Amp of power
supply current for approximately 10 seconds. After 10 seconds the current will go down to below 50
mAmps.
Table 5: Recommended Operating Conditions
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
DC Supply Voltage
VCC
3.0
3.6
V
Temperature Ambient, no air flow
TA
-40
+85
°C
1
Junction Temperature
TJ
125
°C
1
Notes:
1. Thermal management is required to keep TJ below MAX for full rate operation. See Table 3 below.
Table 6: Thermal Data
THERMAL
CONDUCTIVITY
SYMBOL
GC3021A-PQ
UNITS
0.5 Watts
Theta Junction to Ambient
θja
30
°C/W
Theta Junction to Case
θjc
10
°C/W
Note: Air flow will reduce
θja and is highly recommended.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn