Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GC3021A Datasheet(PDF) 22 Page - Texas Instruments

Part No. GC3021A
Description  3.3V MIXER AND CARRIER REMOVAL CHIP
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

GC3021A Datasheet(HTML) 22 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Texas Instruments Incorporated
- 20 -
GC3021A 3.3V MIXER AND CARRIER REMOVAL CHIP
SLWS137A
This document contains information which may be changed at any time without notice
4.7
OUTPUT CONTROL REGISTERS
Registers 8, 9, 10 and 11 contain the four output format control words. Each register is identical.
OUTPUT_REGA controls output YA, OUTPUT_REGB controls output YB, OUTPUT_REGC controls output
YC and OUTPUT_REGD controls output YD. The suggested default is 1FFF.
ADDRESS 8:
OUTPUT_REGA
ADDRESS 9:
OUTPUT_REGB
ADDRESS 10:
OUTPUT_REGC
ADDRESS 11:
OUTPUT_REGD
BIT
TYPE
NAME
DESCRIPTION
0-11
R/W
MASK
12 Bit output mask. MASK is bitwise anded with the
output sample. Bit 0 is the LSB, bit 11 is the MSB.
12
R/W
OUTPUT_SEL
Selects which signal is output on this port. See
Table 2 in Section 2.11.
13
R/W
RND_8
Round to 8 bits
14
R/W
RND_10
Round to 10 bits
15
R/W
-
Unused
The RND_8 and RND_10 controls are used to round the 12 bit output values to 8 or 10 bits. Only
one control should be high.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn