Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GC3021A Datasheet(PDF) 20 Page - Texas Instruments

Part No. GC3021A
Description  3.3V MIXER AND CARRIER REMOVAL CHIP
Download  38 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

GC3021A Datasheet(HTML) 20 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Texas Instruments Incorporated
- 18 -
GC3021A 3.3V MIXER AND CARRIER REMOVAL CHIP
SLWS137A
This document contains information which may be changed at any time without notice
The suggested default value for SYNC_REG1 is 7DF7 (HEX) which is to always sync AB_SYNC,
FREQ_SYNC and DITHER_SYNC (turns dithering off) and to sync PLL_SYNC and NCO_SYNC with the
oneshot strobe.
ADDRESS 2:
SYNC_REG1
BIT
TYPE
NAME
DESCRIPTION
0-2 (LSBs)
R/W
AB_SYNC
The PLL circuit accepts new A and B values when the
sync is asserted.
3-5
R/W
PLL_SYNC
The PLL accumulator is cleared by this sync.
6-8
R/W
FREQ_SYNC
The PLL accepts the new FREQ value from the FREQ
registers when this sync is asserted.
9-11
R/W
NCO_SYNC
The NCO accumulator is cleared by this sync.
12-14
R/W
DITHER_SYNC
The dither value circuit is cleared by this sync.
15 (MSB)
R/W
-
unused
4.3
DELAY CONTROL REGISTER
The DSA and DSB syncs are generated by delaying the SA and SB sync inputs by (2+DELAY)
clocks where DELAY ranges from 0 to 255. The suggested default is zero.
ADDRESS 3:
DELAY_REG
BIT
TYPE
NAME
DESCRIPTION
0-7 (LSBs)
R/W
DELAY_A
The DELAY value for DSA.
8-15 (MSBs) R/W
DELAY_B
The DELAY value for DSB.
4.4
COUNTER CONTROL REGISTER
The internal counter counts in cycles of 16*(COUNT+1) clocks by counting down from
(16*COUNT+15) to zero and starting over again. The counter emits a terminal count (TC) each time it
reaches zero. The suggested default is 00FF (HEX) which sets a counter cycle of 4096.
ADDRESS 4:
COUNT_REG
BIT
TYPE
NAME
DESCRIPTION
0-15
R/W
COUNT
The counter period is 16*(COUNT+1) clocks.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn