Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75374NE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN75374NE4
Description  QUADRUPLE MOSFET DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75374NE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN75374NE4 Datasheet HTML 1Page - Texas Instruments SN75374NE4 Datasheet HTML 2Page - Texas Instruments SN75374NE4 Datasheet HTML 3Page - Texas Instruments SN75374NE4 Datasheet HTML 4Page - Texas Instruments SN75374NE4 Datasheet HTML 5Page - Texas Instruments SN75374NE4 Datasheet HTML 6Page - Texas Instruments SN75374NE4 Datasheet HTML 7Page - Texas Instruments SN75374NE4 Datasheet HTML 8Page - Texas Instruments SN75374NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN75374
QUADRUPLE MOSFET DRIVER
SLRS028A − SEPTEMBER 1988 − REVISED NOVEMBER 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
2 V
10%
tDLH
10%
2 V
90%
tPLH
90%
VOLTAGE WAVEFORMS
VOL
VOH
VCC2 − 2 V
VCC2 − 2 V
Output
tDHL
tPHL
0.5
µs
tTHL
t TLH
3 V
0 V
Input
≤10 ns
≤10 ns
Pulse
Generator
(see Note A)
VCC1
VCC3
VCC2
5 V
24 V
20 V
GND
2.4 V
Input
TEST CIRCUIT
RD
Output
CL = 200 pF
(see Note B)
1.5 V
1.5 V
NOTES: A. The pulse generator has the following characteristics: PRR = 1 MHz, ZO ≈ 50 Ω .
B. CL includes probe and jig capacitance.
Figure 1. Test Circuit and Voltage Waveforms, Each Driver


Similar Part No. - SN75374NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374N TI-SN75374N Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374N TI1-SN75374N Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
More results

Similar Description - SN75374NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374 TI1-SN75374_14 Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com