Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1150 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CC1150
Description  Single Chip Low Cost Low Power RF-Transmitter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1150 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC1150 Datasheet HTML 25Page - Texas Instruments CC1150 Datasheet HTML 26Page - Texas Instruments CC1150 Datasheet HTML 27Page - Texas Instruments CC1150 Datasheet HTML 28Page - Texas Instruments CC1150 Datasheet HTML 29Page - Texas Instruments CC1150 Datasheet HTML 30Page - Texas Instruments CC1150 Datasheet HTML 31Page - Texas Instruments CC1150 Datasheet HTML 32Page - Texas Instruments CC1150 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
CC1150
Preliminary Data Sheet (rev. 1.0.)
SWRS037
Page 29 of 49
GDO0
_CFG[5:0]
GDO1
_CFG[5:0]
Description
0 (0x00)
Reserved ñ defined on the transceiver version.
1 (0x01)
Reserved ñ defined on the transceiver version.
2 (0x02)
Asserts when the TX FIFO is filled above TXFIFO_THR. De-asserts when the TX FIFO is below TXFIFO_THR.
3 (0x03)
Asserts when TX FIFO is full. De-asserts when the TX FIFO is drained below TXFIFO_THR.
4 (0x04)
Reserved ñ defined on the transceiver version.
5 (0x05)
Asserts when the TX FIFO has underflowed. De-asserts when the FIFO is flushed.
6 (0x06)
Asserts when sync word has been sent, and de-asserts at the end of the packet. The pin will also de-assert if the TX
FIFO underflows.
7 (0x07)
Reserved ñ defined on the transceiver version.
8 (0x08)
Reserved ñ defined on the transceiver version.
9 (0x09)
Reserved ñ defined on the transceiver version.
10 (0x0A)
Lock detector output
11 (0x0B)
Serial Clock. Synchronous to the data in synchronous serial mode.
Data is set up on the falling edge and is read on the rising edge of SERIAL_CLK.
12 (0x0C)
Reserved ñ defined on the transceiver version.
13 (0x0D)
Reserved ñ defined on the transceiver version.
14 (0x0E)
Reserved ñ defined on the transceiver version.
15 (0x0F)
Reserved ñ defined on the transceiver version.
16 (0x10)
Reserved ñ used for test.
17 (0x11)
Reserved ñ used for test.
18 (0x12)
Reserved ñ used for test.
19 (0x13)
Reserved ñ used for test.
20 (0x14)
Reserved ñ used for test.
21 (0x15)
Reserved ñ used for test.
22 (0x16)
Reserved ñ defined on the transceiver version.
23 (0x17)
Reserved ñ defined on the transceiver version.
24 (0x18)
Reserved ñ used for test.
25 (0x19)
Reserved ñ used for test.
26 (0x1A)
Reserved ñ used for test.
27 (0x1B)
PA_PD. PA is enabled when 1, in power-down when 0. Can be used to control external PA or RX/TX switch.
28 (0x1C)
Reserved ñ defined on the transceiver version.
29 (0x1D)
Reserved ñ defined on the transceiver version.
30 (0x1E)
Reserved ñ used for test.
31 (0x1F)
Reserved ñ used for test.
32 (0x20)
Reserved ñ used for test.
33 (0x21)
Reserved ñ used for test.
34 (0x22)
Reserved ñ used for test.
35 (0x23)
Reserved ñ used for test.
36 (0x24)
Reserved ñ used for test.
37 (0x25)
Reserved ñ used for test.
38 (0x26)
Reserved ñ used for test.
39 (0x27)
Reserved ñ used for test.
40 (0x28)
Reserved ñ used for test.
41 (0x29)
CHIP_RDY
42 (0x2A)
Reserved ñ used for test.
43 (0x2B)
XOSC_STABLE
44 (0x2C)
Reserved ñ used for test.
45 (0x2D)
GDO0
_Z_EN_N. When this output is 0, GDO0 is configured as input (for serial TX data).
46 (0x2E)
High impedance (3-state)
47 (0x2F)
HW to 0 (HW1 achieved with _INV signal)
48 (0x30)
CLK_XOSC/1
49 (0x31)
CLK_XOSC/1.5
50 (0x32)
CLK_XOSC/2
51 (0x33)
CLK_XOSC/3
52 (0x34)
CLK_XOSC/4
53 (0x35)
CLK_XOSC/6
54 (0x36)
CLK_XOSC/8
55 (0x37)
CLK_XOSC/12
56 (0x38)
CLK_XOSC/16
57 (0x39)
CLK_XOSC/24
58 (0x3A)
CLK_XOSC/32
59 (0x3B)
CLK_XOSC/48
60 (0x3C)
CLK_XOSC/64
61 (0x3D)
CLK_XOSC/96
62 (0x3E)
CLK_XOSC/128
63 (0x3F)
CLK_XOSC/192
Table 22: GDO signal selection


Similar Part No. - CC1150

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CC1150 ETC1-CC1150 Datasheet
804Kb / 70P
   CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC1150 TI1-CC1150 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150 TI1-CC1150 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150-RTR1 TI-CC1150-RTR1 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
CC1150-RTR1 TI1-CC1150-RTR1 Datasheet
1Mb / 67P
[Old version datasheet]   Low Power Sub-1 GHz RF Transmitter
More results

Similar Description - CC1150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com