Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75374N Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75374N
Description  QUADRUPLE MOSFET DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75374N Datasheet(HTML) 2 Page - Texas Instruments

  SN75374N Datasheet HTML 1Page - Texas Instruments SN75374N Datasheet HTML 2Page - Texas Instruments SN75374N Datasheet HTML 3Page - Texas Instruments SN75374N Datasheet HTML 4Page - Texas Instruments SN75374N Datasheet HTML 5Page - Texas Instruments SN75374N Datasheet HTML 6Page - Texas Instruments SN75374N Datasheet HTML 7Page - Texas Instruments SN75374N Datasheet HTML 8Page - Texas Instruments SN75374N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SN75374
QUADRUPLE MOSFET DRIVER
SLRS028A − SEPTEMBER 1988 − REVISED NOVEMBER 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematic (each driver)
To Other Drivers
Enable E1
Enable E2
Input A
VCC1
VCC3
VCC2
Output Y
GND
To Other Drivers
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range (see Note 1): VCC1
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC2
−0.5 V to 25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VCC3
−0.5 V to 30 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current, II (tw < 10 ms, duty cycle < 50%)
500 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 2 and 3): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
N package
67
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Voltage values are with respect to network ground terminal.
2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC1
Supply voltage
4.75
5
5.25
V
VCC2
Supply voltage
4.75
20
24
V
VCC3
Supply voltage
VCC2
24
28
V
VCC3 −VCC2 Voltage difference between supply voltages
0
4
10
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
−10
mA
IOL
Low-level output current
40
mA
TA
Operating free-air temperature
0
70
°C


Similar Part No. - SN75374N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374N TI-SN75374N Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374N TI1-SN75374N Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
More results

Similar Description - SN75374N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75374 TI-SN75374 Datasheet
206Kb / 13P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75374 TI1-SN75374_14 Datasheet
533Kb / 19P
[Old version datasheet]   QUADRUPLE MOSFET DRIVER
SN75439 TI-SN75439 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75126 TI-SN75126 Datasheet
215Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75437A TI-SN75437A Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75439NE TI-SN75439NE Datasheet
140Kb / 9P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVER
SN75130 TI1-SN75130_11 Datasheet
271Kb / 11P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75130 TI-SN75130 Datasheet
131Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS126 TI-SN75ALS126 Datasheet
115Kb / 7P
[Old version datasheet]   QUADRUPLE LINE DRIVER
SN75ALS130 TI1-SN75ALS130 Datasheet
150Kb / 9P
[Old version datasheet]   QUADRUPLE LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com