Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN18245TSSC Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # SCAN18245TSSC
Description  Non-Inverting Transceiver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SCAN18245TSSC Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button SCAN18245TSSC Datasheet HTML 3Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 4Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 5Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 6Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 7Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 8Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 9Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 10Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.fairchildsemi.com
10
Extended AC Electrical Characteristics
Note 15: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase (i.e., all LOW-to-
HIGH, HIGH-to-LOW, etc.)
Note 16: This specification is guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 17: 3-STATE delays are load dominated and have been excluded from the datasheet.
Note 18: The Output Disable Time is dominated by the RC network (500
Ω, 250 pF) on the output and has been excluded from the datasheet.
Note 19: Skew is defined as the absolute value of the difference between the actual propagation delays for any two separate outputs of the same device.
The specification applies to any outputs switching HIGH-to-LOW (tOSHL), LOW-to-HIGH (tOSLH), or any combination switching LOW-to-HIGH and/or HIGH-
to-LOW.
Capacitance
Symbol
Parameter
TA = +25°C, VCC = 5.0V
TA = −40°C to +85°C
Units
CL = 50 pF
VCC = 5.0V ± 0.5V
18 Outputs Switching
CL = 250 pF
(Note 15)
(Note 16)
Min
Typ
Max
Min
Max
tPLH,
Propagation Delay
2.5
10.5
3.5
12.0
ns
tPHL
Data to Output
2.5
10.5
3.5
13.5
tPZH,
Output Enable Time
2.5
10.5
(Note 17)
ns
tPZL
2.5
13.5
tPHZ,
Output Disable Time
2.0
9.5
(Note 18)
ns
tPLZ
2.0
10.0
tOSHL
Pin to Pin Skew
0.5
1.0
1.0
ns
(Note 19)
HL Data to Output
tOSLH
Pin to Pin Skew
0.5
1.0
1.0
ns
(Note 19)
LH data to Output
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Pin Capacitance
4
pF
VCC = 5.0V
CI/O
Input/Output Capacitance
20
pF
VCC = 5.0V
CPD
Power Dissipation Capacitance
41
pF
VCC = 5.0V


Similar Part No. - SCAN18245TSSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
More results

Similar Description - SCAN18245TSSC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
National Semiconductor ...
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
SCAN18541T FAIRCHILD-SCAN18541T Datasheet
90Kb / 11P
   Non-Inverting Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74F2952 PHILIPS-74F2952 Datasheet
142Kb / 14P
   Registered transceiver, non-inverting 3-State
1989 Sep 22
logo
STMicroelectronics
M74HC640 STMICROELECTRONICS-M74HC640 Datasheet
307Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com