Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN18245TSSC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # SCAN18245TSSC
Description  Non-Inverting Transceiver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SCAN18245TSSC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button SCAN18245TSSC Datasheet HTML 3Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 4Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 5Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 6Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 7Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 8Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 9Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 10Page - Fairchild Semiconductor SCAN18245TSSC Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
Note 2: All outputs loaded; thresholds associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Noise Specifications
Note 4: Worst case package.
Note 5: Maximum number of outputs that can switch simultaneously is n. (n-1) outputs are switched LOW and one output held LOW.
Note 6: Maximum number of outputs that can switch simultaneously is n. (n-1) outputs are switched HIGH and one output held HIGH.
Note 7: Maximum number of data inputs (n) switching. (n-1) input switching 0V to 3V. Input under test switching 3V to threshold (VILD).
AC Electrical Characteristics
Normal Operation
Note 8: Voltage Range 5.0 is 5.0V
± 0.5V.
Note: All Input Timing Delays involving TCK are measured from the rising edge of TCK.
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
ICCt
Maximum ICC Per Input
5.5
2.0
2.0
mA
VI = VCC–2.1V
VI = VCC–2.1V
5.5
2.15
2.15
mA
TDI/TMS Pin,
test one with the
other floating
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
(V)
Typ
Guaranteed Limits
VOLP
Maximum HIGH Output Noise
5.0
1.0
1.5
V
(Note 5)(Note 6)
VOLV
Minimum LOW Output Noise
5.0
−0.6
−1.2
V
(Note 5)(Note 6)
VOHP
Maximum Overshoot
5.0
VOH+1.0
VOH+1.5
V
(Note 4)(Note 6)
VOHV
Minimum VCC Droop
5.0
VOH−1.0
VOH−1.8
V
(Note 4)(Note 6)
VIHD
Minimum HIGH Dynamic Input
5.5
1.6
2.0
2.0
V
Voltage Level (Note 4)(Note 7)
VILD
Maximum LOW Dynamic Input
5.5
1.4
0.8
0.8
V
Voltage Level (Note 4)(Note 7)
Symbol
Parameter
VCC
TA = +25°CTA=−40°C to +85°C
Units
(V)
CL = 50 pF
CL = 50 pF
(Note 8)
Min
Typ
Max
Min
Max
tPLH,
Propagation Delay
5.0
1.6
7.9
1.6
8.5
ns
tPHL
A to B, B to A
1.6
7.9
1.6
8.8
tPLZ,
Disable Time
5.0
1.2
8.6
1.2
9.5
ns
tPHZ
1.2
8.5
1.2
9.0
tPZL,
Enable Time
5.0
1.6
11.0
1.6
12.0
ns
tPZH
1.6
8.5
1.6
9.5


Similar Part No. - SCAN18245TSSC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
More results

Similar Description - SCAN18245TSSC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC643 STMICROELECTRONICS-M74HC643 Datasheet
338Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS INVERTING/NON INVERTING
M74HC623 STMICROELECTRONICS-M74HC623 Datasheet
316Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTING)
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
National Semiconductor ...
SCAN18245T NSC-SCAN18245T Datasheet
193Kb / 16P
   Non-Inverting Transceiver with TRI-STATE Outputs
logo
Fairchild Semiconductor
SCAN18541T FAIRCHILD-SCAN18541T Datasheet
90Kb / 11P
   Non-Inverting Line Driver with 3-STATE Outputs
logo
NXP Semiconductors
74F2952 PHILIPS-74F2952 Datasheet
142Kb / 14P
   Registered transceiver, non-inverting 3-State
1989 Sep 22
logo
STMicroelectronics
M74HC640 STMICROELECTRONICS-M74HC640 Datasheet
307Kb / 11P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (INVERTING)
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com