Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOP245P Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TOP245P
Description  Title 32W (47W peak) Multiple Output supply
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP245P Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TOP245P_1 Datasheet HTML 1Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 2Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 3Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 4Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 5Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 6Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 7Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 8Page - Power Integrations, Inc. TOP245P_1 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Power Integrations, Inc.
5245 Hellyer Avenue, San Jose, CA 95138 USA.
Tel: +1 408 414 9200 Fax: +1 408 414 9201
www.powerint.com
Design Example Report
Title
32W (47W peak) Multiple Output supply
using TOP245P
Specification
Input: 195 - 265 VAC
Output: 3.3V/3A, 5V/2A (2.5A Peak),
12V/0.5A (1.5A Peak), 20V/0.3A
Application
Set Top Box
Author
Power Integrations Applications Department
Document
Number
DER-19
Date
March 30, 2004
Revision
1.0
Summary and Features
This report describes a design for a multiple output power supply, such as required for
a Set Top Box, featuring the following:
• Very high full power efficiency (> 83% at full power)
• 32W Continuous power rating
• <0.5W no-load consumption
• Efficiency >75% at 10% output power
• Small DIL08 package for TOP245P requiring no external heatsink
• 50W peak power capability allows for high peak output power demands (e.g.
for hard disk spin-up)
• Low EMI (Meets EN55022 with output ground connected to Earth)
The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found
at www.powerint.com.


Similar Part No. - TOP245P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TOP245P- POWERINT-TOP245P- Datasheet
2Mb / 52P
   TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP245P-TL POWERINT-TOP245P-TL Datasheet
2Mb / 52P
   TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP245PN POWERINT-TOP245PN Datasheet
2Mb / 52P
   TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP245PN- POWERINT-TOP245PN- Datasheet
2Mb / 52P
   TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
TOP245PN-TL POWERINT-TOP245PN-TL Datasheet
2Mb / 52P
   TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
More results

Similar Description - TOP245P_1

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DER-40 POWERINT-DER-40 Datasheet
1Mb / 30P
   21W (45W peak) Multiple Output Power Supply using TOP246Y
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
PulseCore Semiconductor
PCS5P23Z05D PULSECORE-PCS5P23Z05D Datasheet
677Kb / 14P
   Multiple Output Timing-Safe??Peak EMI reduction IC
PCS5P23Z05C PULSECORE-PCS5P23Z05C Datasheet
679Kb / 14P
   Multiple Output Timing-Safe??Peak EMI reduction IC
logo
Power Integrations, Inc...
DER-34 POWERINT-DER-34 Datasheet
435Kb / 19P
   13W Multiple Output Supply using TOP242P
logo
Good Will Instrument Co...
GPE-X323 GWINSTEK-GPE-X323 Datasheet
464Kb / 2P
   Multiple Output Linear D.C. Power Supply
GPS-2303 GWINSTEK-GPS-2303 Datasheet
127Kb / 1P
   MULTIPLE OUTPUT LINEAR D.C. POWER SUPPLY
logo
Phihong USA Inc.
PSA46-301 PHIHONG-PSA46-301 Datasheet
141Kb / 2P
   Multiple Output Adapter Switching Power Supply
logo
Mean Well Enterprises C...
LRS-100N2 MEANWELL-LRS-100N2 Datasheet
198Kb / 5P
   100W Single Output High Peak Power Supply
2023-08-14
logo
Power Integrations, Inc...
DER-50 POWERINT-DER-50 Datasheet
957Kb / 31P
   30W Multiple Output Power Supply using TOP245R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com